Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FSCR1E4 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST7FSCR1E4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FSCR1E4 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST7FSCR1E4 Datasheet HTML 75Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 76Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 77Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 78Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 79Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 80Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 81Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 82Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
ST7SCR
79/102
14.3 SUPPLY AND RESET CHARACTERISTICS
(T = 0 to +70oC, VDD - VSS = 5.5V unless otherwise specified.
14.4 CLOCK AND TIMING CHARACTERISTICS
14.4.1 General Timings
(Operating conditions T
A = 0 to +70°C unless otherwise specified)
*
∆t
INST is the number of tCPU to finish the current instruction execution.
14.4.2 External Clock Source
LOW VOLTAGE DETECTOR AND SUPERVISOR (LVDS)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+
Reset release threshold
(VDD rising)
3.7
3.9
V
VIT-
Reset generation threshold
(VDD falling)
3.3
3.5
V
Vhys
Hysteresis VIT+ - VIT-
200
mV
VtPOR
VDD rise time rate
20
ms/V
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
tc(INST)
Instruction cycle time
2
3
12
tCPU
fCPU=4MHz
500
750
3000
ns
tv(IT)
Interrupt reaction time 2)
tv(IT) = ∆tc(INST) + 10
10
22
tCPU
fCPU=4MHz
2.5
5.5
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOSC1H
OSC1 input pin high level voltage
see Figure 38
0.7xVDD
VDD
V
VOSC1L
OSC1 input pin low level voltage
VSS
0.3xVDD
tw(OSC1H)
tw(OSC1L)
OSC1 high or low time 3)
15
ns
tr(OSC1)
tf(OSC1)
OSC1 rise or fall time 3)
15
IL
OSCx Input leakage current
VSS≤VIN≤VDD
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com