Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FSCR1E4 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST7FSCR1E4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FSCR1E4 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST7FSCR1E4 Datasheet HTML 65Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 66Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 67Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 68Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 69Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 70Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 71Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 72Page - STMicroelectronics ST7FSCR1E4 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
ST7SCR
69/102
SMARTCARD INTERFACE (Cont’d)
Table 20. Register Map and Reset Values
Address
(Hex.)
Register
Label
7
6
543
21
0
00
CRDCR
Reset Value
CRDRST
0
DETCNF
0
VCARD1
0
VCARD0
0
UART
0
WTEN
0
CREP
0
CONV
0
01
CRDSR
Reset Value
TXBEF
1
CRDIRF
0
IOVF
0
VCARDOK
0
WTF
0
TXCF
0
RXCF
0
PARF
0
02
CRDCCR
Reset Value
CLKSEL
0
-
0
CRDC8
x
CRDC4
x
CRDIO
x
CRDCLK
0
CRDRST
x
CRDVCC
0
03
CRDETU1
Reset Value
COMP
0
-
0
-
0
-
0
-
0
ETU10
1
ETU9
0
ETU8
0
04
CRDETU0
Reset Value
ETU7
0
ETU6
1
ETU5
1
ETU4
1
ETU3
0
ETU2
1
ETU1
0
ETU0
0
05
CRDGT1
Reset Value
-
0
-
0
-
0
-
0
-
0
-
0
-
0
GT8
0
06
CRDGT0
Reset Value
GT7
0
GT6
0
GT5
0
GT4
0
GT3
1
GT2
1
GT1
0
GT0
0
07
CRDWT2
Reset Value
WT23
0
WT22
0
WT21
0
WT20
0
WT19
0
WT18
0
WT17
0
WT16
0
08
CRDWT1
Reset Value
WT15
0
WT14
0
WT13
1
WT12
0
WT11
0
WT10
1
WT9
0
WT8
1
09
CRDWT0
Reset Value
WT7
1
WT6
0
WT5
0
WT4
0
WT3
0
WT2
0
WT1
0
WT0
0
0A
CRDIER
Reset Value
TXBEM
0
-
0
IOVM
0
VCRDM
0
WTM
0
TXCM
0
RXCM
0
PARM
0
0B
CRDIPR
Reset Value
TXBEP
0
-
0
IOVP
0
VCRDP
WTP
0
TXCP
0
RXCP
0
PARP
0
0C
CRDTXB
Reset Value
TB7
0
TB6
0
TB5
0
TB4
0
TB3
0
TB2
0
TB1
0
TB0
0
0D
CRDRXB
Reset Value
RB7
0
RB6
0
RB5
0
RB4
0
RB3
0
RB2
0
RB1
0
RB0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com