Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX2160A-RDB-B Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 21Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 22Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 23Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 24Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 25Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 26Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 27Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 28Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 116 page
background image
Table 10. LX2160ARDB SerDes assignments
SerDes
module
Lane
Connectivity
Port
SerDes1
H / 0
Aquantia AQR107 10 GbE PHY #1
2x 10 GbE RJ45 USXGMII magnetic jacks (10G
MAC3/4)
G / 1
Aquantia AQR107 10 GbE PHY #2
F-E / 2-3
Inphi IN112525 25 GbE PHY
2x 25 GbE SFP+ fiber transceiver cages (25G
MAC5/6)
D-A / 4-7
Inphi CS4223 40 GbE PHY
40 GbE QSFP+ fiber transceiver cage (40G
MAC2)
SerDes2
A-D / 0-3
PCI Express (Gen 1/2/3)
PCI Express x4 connector (slot 1)1
E / 4
SATA
SATA header 3
F / 5
SATA
SATA header 4
G / 6
SATA
SATA header 1
H / 7
SATA
SATA header 2
SerDes3
A-H / 0-7
PCI Express (Gen 1/2/3)
PCI Express x8 connector (slot 2)
1. A right-angle adapter is required to connect a PCIe Gen 1/2/3 connector.
No muxes or other configuration is required for SerDes operation.
NOTE
2.5 Ethernet controller interface
The LX2160A processor supports two Ethernet controllers, EC1 and EC2, supporting the RGMII protocol. On the LX2160ARDB,
each Ethernet controller is connected to a 1 GbE RGMII Ethernet PHY (Qualcomm AR8035), which is connected to an RJ45 jack
coupled with magnetics. The two RJ45 jacks are stacked on the board such that jack for EC1 is at the bottom and jack for EC2
is at the top.
The figure below shows the architecture of the Ethernet controller interface.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
25 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com