Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVT3402649 Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # AVT3402649
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVT3402649 Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button AVT3402649 Datasheet HTML 9Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 10Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 11Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 12Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 13Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 14Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 15Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 16Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Technical Terminology & Cautions for Use
–6–
AECTB36E 201510-T
■ Types of actuators
Shape
Classification
Pretravel
(PT)
Overtravel
(OT)
Operating
Force
(OF)
Vibration
Shock
Features
Pin plunger
Small
Small
Large
Out-
standing
Appropriate for linear short-stroke action. Pin plunger acts directly on snap
action mechanism, enabling high-precision positioning. Amount of movement
after operation is smallest among all of the actuators, however, so reliable
stopper is required.
Spring small
plunger
Small
Medium
Large
Excellent
Used in much the same way as the pin plunger, but is easier to use because
the amount of movement after operation is larger.
Spring short
plunger
Small
Medium
Large
Good
Pin plunger is short, with large plunger diameter that makes centering easier.
Like small spring plunger, amount of movement after operation is large.
Panel attachment
plunger
Small
Large
Large
Good
Secured to panel with hex or lock nut; used as manual or mechanical plunger.
Amount of movement after operation is extremely large and operation point can
be adjusted by changing attachment position. Can be used in combination with
low-speed cam.
Panel attachment
roller plunger
Small
Large
Large
Possible
This is the panel attachment type with a roller, and can be used with fast-
moving cams and dogs..
Hinge lever
Large
Medium
Small
Possible
Little force required for operation. Appropriate for use with low-speed cams and
dogs; has large stroke.
Lever available in various shapes to fit operating unit.
Simulated roller
lever
Large
Medium
Small
Possible
Tip of hinge lever is bent into a semi-circle, enabling use as a simple roller type.
Leaf lever
Large
Large
Small
Excellent
Play in lever is used to assure maximum stroke. Construction provides for
space where lever is attached, for outstanding resistance to freezing.
Hinge roller lever
Large
Medium
Small
Possible
This is a hinge lever with a roller, and can be used with high-speed cams and
dogs.
The force required for pin plunger action is lighter than that of the lever, and the
stroke is longer.
One way action
hinge roller lever
Medium
Medium
Medium
Possible
This is hinge roller lever type, and can operate in relation to an operating unit
from a one way direction, but the roller is bent from the opposite direction and
cannot move.
This can be used to prevent reverse-direction action.
Leaf spring
Medium
Medium
Medium
Good
This has a leaf spring with offset yield force and has a large stroke. Ideal for
driving low-speed cams and cylinders. Fulcrum is fixed for high precision. To
prevent leaf damage, movement after operation must be within specified value.
Roller leaf spring
Medium
Medium
Medium
Good
This is a leaf spring with a roller, and can be used with high-speed cams.
(OC reversed
action groove type)
Reverse-action
hinge lever
Large
Small
Medium
Excellent
This is used for low-speed, low-torque cams.
The lever comes in various shapes to fit the
operating body.
The plunger is constantly
pressed down by a coiled
spring, and operating the
lever induces reverse action.
Because the plunger is
depressed when not
engaged, vibration and shock
resistance are excellent.
Pressing the plunger too far
does not cause abnormal
force to be applied to the
switch mechanism, so a
stable service life is assured.
(OC reversed
action groove type)
Reverse-action
hinge roller lever
Medium
Medium
Medium
Excellent
This is a reverse-action hinge lever with a roller
and is appropriate for cam operation. Excellent
resistance to vibration and impact when not
engaged.
(OC reversed
action groove type)
Reverse-action
hinge roller short
lever
Small
Medium
Large
Excellent
This is a shorter version of the reverse-action
hinge lever with a roller and has a larger action
force, but is appropriate for cam operation with
a short stroke. Excellent resistance to vibration
and impact when not engaged.
Rotating-action
type
Large
Large
Small
Possible
This is a rotating, light-action type that is ideal for detecting paper, coins, and
similar objects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com