Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVT3402649 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AVT3402649
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVT3402649 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AVT3402649 Datasheet HTML 1Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 2Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 3Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 4Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 5Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 6Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 7Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 8Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AV3/AVM3/AVT3/AVL3 (FS/FS-T) Subminiature Switches
–3–
AECTB10E 201601-T
PRODUCT TYPES
(Color of plunger; AgNi alloy contact type: black, CuNi alloy + AgNi alloy + Au-clad triple layer contact type: red, CuNi alloy + Au-clad
contact type: green)
■ FS type, Standard version (In-line terminal type)
1) AgNi alloy contact type
2) CuNi alloy + AgNi alloy + Au-clad triple layer contact type
3) CuNi alloy + Au-clad contact type, for low-level circuit
Note: Other types of terminals are also available. When ordering, please refer to “ORDERING INFORMATION”.
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
Self-standing PC board terminal
.110 Quick-connect
Pin plunger
0.49N
AV32023
AV34023
AV38023
0.98N
AV32043
AV34043
AV38043
Short hinge lever
0.20N
AV32123
AV34123
AV38123
0.39N
AV32143
AV34143
AV38143
Hinge lever
0.16N
AV32223
AV34223
AV38223
0.34N
AV32243
AV34243
AV38243
Long hinge lever
0.12N
AV32323
AV34323
AV38323
0.25N
AV32343
AV34343
AV38343
Simulated roller lever
0.16N
AV32423
AV34423
AV38423
0.34N
AV32443
AV34443
AV38443
Roller lever
0.20N
AV32523
AV34523
AV38523
0.39N
AV32543
AV34543
AV38543
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
Self-standing PC board terminal
.110 Quick-connect
Pin plunger
0.25N
AV3200613
AV3400613
AV3800613
0.49N
AV3202613
AV3402613
AV3802613
0.98N
AV3204613
AV3404613
AV3804613
Short hinge lever
0.098N
AV3210613
AV3410613
AV3810613
0.20N
AV3212613
AV3412613
AV3812613
0.39N
AV3214613
AV3414613
AV3814613
Hinge lever
0.078N
AV3220613
AV3420613
AV3820613
0.16N
AV3222613
AV3422613
AV3822613
0.34N
AV3224613
AV3424613
AV3824613
Long hinge lever
0.12N
AV3232613
AV3432613
AV3832613
0.25N
AV3234613
AV3434613
AV3834613
Simulated roller lever
0.16N
AV3242613
AV3442613
AV3842613
0.34N
AV3244613
AV3444613
AV3844613
Roller lever
0.20N
AV3252613
AV3452613
AV3852613
0.39N
AV3254613
AV3454613
AV3854613
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
Self-standing PC board terminal
.110 Quick-connect
Pin plunger
0.25N
AV3200649
AV3400649
AV3800649
0.49N
AV3202649
AV3402649
AV3802649
0.98N
AV3204649
AV3404649
AV3804649
Short hinge lever
0.098N
AV3210649
AV3410649
AV3810649
0.20N
AV3212649
AV3412649
AV3812649
0.39N
AV3214649
AV3414649
AV3814649
Hinge lever
0.078N
AV3220649
AV3420649
AV3820649
0.16N
AV3222649
AV3422649
AV3822649
0.34N
AV3224649
AV3424649
AV3824649
Long hinge lever
0.12N
AV3232649
AV3432649
AV3832649
0.25N
AV3234649
AV3434649
AV3834649
Simulated roller lever
0.16N
AV3242649
AV3442649
AV3842649
0.34N
AV3244649
AV3444649
AV3844649
Roller lever
0.20N
AV3252649
AV3452649
AV3852649
0.39N
AV3254649
AV3454649
AV3854649



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com