Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVT3402649 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AVT3402649
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVT3402649 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AVT3402649 Datasheet HTML 1Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 2Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 3Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 4Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 5Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 6Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 7Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 8Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
–1–
AECTB10E 201601-T
PRODUCT TYPES TABLE
■ Combination of Operating Force (OF) and Applicable current range
Note: For high capacity contact rating up to 10.1 A, please refer to PS (AVM3
P) switches catalog.
Subminiature Size
Switches with Excellent
Operating Position
Accuracy
AV3/AVM3/AVT3/AVL3
(FS/FS-T) SWITCHES
(Unit: mm)
FEATURES
• Excellent operating position accuracy
• Flux-resistant construction with integrally molded
terminals
• Added to former in-line terminal (AV3/AVM3), range now
includes (AVT3/AVL3) type with cross-line terminals
• Self-standing terminal structure (AV3/AVM3 type) with
temporarily fix switch to PC Board
• Lever pivot position can be changed
• Series of low-level circuit type switches added to range
• Protection grade: IP40
19.8
6.4
11.1
FS
(In-line terminal type)
FS-T
(Cross-line terminal type)
RoHS compliant
1.47N
0.98N
0.49N
0.25N
1mA
100mA
3A
Applicable current range
Contact
Expected
life
Standard
version
Long life
version
AgNi alloy contact
CuNi alloy + AgNi alloy + Au-clad triple
layer contact type (End of part No.: 61)
CuNi alloy + Au-clad double layer contact
For low-level circuit (End of part No.: 64)
AgNi alloy contact
CuNi alloy + AgNi alloy + Au-clad triple
layer contact type (End of part No.: 61)
CuNi alloy + Au-clad double layer contact
For low-level circuit (End of part No.: 64)
Operating Force (OF)
5A
CONSTRUCTION
■ Standard version (FS type)
• As for FS-T switches, the terminals
are the different shape.
2 lever pivot positions
Spring
Flux resistant construction
Solder-terminal
Self-standing PC terminal
.110 Quick connect terminal
■ Long life version (FS type)
• As for FS-T switches, the terminals
are the different shape.
Arch-shaped independent spring
CONTACT FORM
COM
NC
NO


Similar Part No. - AVT3402649

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AVT VISHAY-AVT Datasheet
124Kb / 6P
High temperature vitreous coating
03-Jun-16
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-100 ETC2-AVT-100 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-130 ETC2-AVT-130 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-160 ETC2-AVT-160 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
More results

Similar Description - AVT3402649

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S34 SHARP-GP1S34 Datasheet
46Kb / 4P
Subminiature, High Sensing Accuracy Photointerrupter
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
Subminiature Toggle Switches
logo
C&K Components
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
Subminiature Rocker Switches
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
Basic Switches Subminiature
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
logo
C&K Components
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
Subminiature Pushbutton Switches
logo
TE Connectivity Ltd
1-1773844-3 TEC-1-1773844-3 Datasheet
2Mb / 2P
SUBMINIATURE SWITCHES
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
Subminiature Pushbutton Switches
8 Aug 22
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
Subminiature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com