Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVT3402649 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AVT3402649
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVT3402649 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AVT3402649 Datasheet HTML 1Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 2Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 3Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 4Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 5Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 6Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 7Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 8Page - Panasonic Semiconductor AVT3402649 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AV3/AVM3/AVT3/AVL3 (FS/FS-T) Subminiature Switches
–2–
AECTB10E 201601-T
ORDERING INFORMATION
■ FS switches (In-line terminal type)
■ FS-T switches (Cross-line terminal type)
AV
Operating Force OF
by pin plunger, max.
0: 0.25 N (Au-clad contact only)
(Standard type)
2: 0.49 N (Standard type)
4: 0.98 N (Standard type)
5: 1.47 N (Long life type)
Safety standard
Nil: Safety standard un-acquiring
3: UL/C-UL, ENEC/VDE
(AgNi alloy, CuNi alloy + AgNi alloy + Au-clad triple
layer contact type only)
9: UL/C-UL
(CuNi alloy + Au-clad double layer contact type only)
Actuators
0: Pin plunger
1: Short hinge lever
2: Hinge lever
3: Long hinge lever
4: Simulated roller lever
5: Roller lever
Lever position
Nil: Standard
Contact material
Nil: AgNi alloy contact type
61: CuNi alloy + AgNi alloy + Au-clad
triple layer contact type
64: CuNi alloy + Au-clad double layer
contact type For low-level circuit
Terminals
2: Solder terminal
4: Self-standing PC board terminal
8: .110 Quick-connect terminal
5: Internationally common pitch
PC board terminal*
6: Right angle terminal*
7: Left angle terminal*
Version
3: FS type Standard
M3: FS type Long life
Note: Since the switches of terminal of an asterisk “*” will be manufactured after an order receipt, please contact our office.
AV
Operating Force OF
by pin plunger, max.
0: 0.25 N (Au-clad contact only)
(Standard type)
2: 0.49 N (Standard type)
4: 0.98 N (Standard type)
5: 1.47 N (Long life type)
Safety standard
Nil: Safety standard un-acquiring
3: UL/C-UL, ENEC/VDE
(AgNi alloy, CuNi alloy + AgNi alloy + Au-clad triple
layer contact type only)
9: UL/C-UL
(CuNi alloy + Au-clad double layer contact type only)
Actuators
0: Pin plunger
1: Short hinge lever
2: Hinge lever
3: Long hinge lever
4: Simulated roller lever
5: Roller lever
Lever position
Nil: Standard
Contact material
Nil: AgNi alloy contact type
61: CuNi alloy + AgNi alloy + Au-clad
triple layer contact type
64: CuNi alloy + Au-clad double layer
contact type For low-level circuit
Terminals
2: Solder terminal
4: PC board terminal
8: .110 Quick-
connect terminal
Version
T3: FS-T type Standard
L3: FS-T type Long life



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com