Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36282 Datasheet(PDF) 23 Page - Wiha Tools

Part # 36282
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36282 Datasheet(HTML) 23 Page - Wiha Tools

Back Button 36282 Datasheet HTML 19Page - Wiha Tools 36282 Datasheet HTML 20Page - Wiha Tools 36282 Datasheet HTML 21Page - Wiha Tools 36282 Datasheet HTML 22Page - Wiha Tools 36282 Datasheet HTML 23Page - Wiha Tools 36282 Datasheet HTML 24Page - Wiha Tools 36282 Datasheet HTML 25Page - Wiha Tools 36282 Datasheet HTML 26Page - Wiha Tools 36282 Datasheet HTML 27Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
23
Wiha
Pico Soft Grip
6 Pc.
Screwdriver Set
Blade high alloy chrome-vanadium-
molybdenum steel.
Item
No.
:
lbs.
T6, T7, T8 x 40mm
.30
T9, T10 x 50mm
T15 x 60mm
7 Pc.
Screwdriver Set
Blade high alloy chrome-vanadium-
molybdenum steel.
Item
No.
:
lbs.
T5, T6, T7, T8 x 40mm
.33
T9, T10 x 50mm
T15 x 60mm
Screwdriver, With
Precision Handle Blade high alloy chrome-
vanadium-molybdenum steel.
Item
No.
Size mm Inch mm Inch lbs. pkg.
T1 40 1.6 120 4.7 .01 10
T2 40 1.6 120 4.7 .02 10
T3 40 1.6 120 4.7 .02 10
T4 40 1.6 120 4.7 .02 10
T5 40 1.6 120 4.7 .02 10
T6 40 1.6 120 4.7 .02 10
T7 40 1.6 120 4.7 .02 10
T8 40 1.6 120 4.7 .03 10
T9 50 2.0 145 5.7 .03 10
T10 50 2.0 145 5.7 .03 10
T15 60 2.4 170 6.7 .05 10
T20 60 2.4 170 6.7 .05 10
*Metric dimensions actual - Inch dimensions approximate
8 Pc.
Screwdriver Set
Blade high alloy chrome-vanadium-
molybdenum steel. Hard chrome finished.
In canvas storage pouch
Item
: T3, T4, T5,
No.
T6, T7, T8 x 40mm
lbs.
T9 x T10 x 50mm
.50
8 Pcs.
Screwdriver Set
Item No.
T1, T2, T3, T4,
T5, T6, T7, T8
Wiha
Precision Series
8 Pc.
Precision Driver
Set, With Soft PicoFinish Handle Blade high
alloy CVM steel, hardened, hard chromed.
ChromTop finish on tip for a perfect fit.
Item
:
No.
T1, T2, T3, T4,
lbs.
T5, T6, T7, T8
.50
Driver, With Precision
Soft PicoFinish Handle Blade high alloy
CVM tool steel, hardened, hard chrome finish.
Item
No.
Size mm Inch mm
Inch
T1
40
1.6
134
5.3
T2
40
1.6
134
5.3
T3
40
1.6
134
5.3
T4
40
1.6
134
5.3
T5
40
1.6
134
5.3
T6
40
1.6
140
5.5
T7
40
1.6
140
5.5
T8
40
1.6
140
5.5
T9
50
2.0
150
5.9
T10
50
2.0
150
5.9
T15
60
2.4
160
6.3
T20
60
2.4
160
6.3
*Metric dimensions actual - Inch dimensions approximate
8 Pc.
Precision Driver
Set, Soft PicoFinish Handle Blade high alloy
CVM steel, hardened, hard chromed. ChromTop
finish on tip for a perfect fit.
Item
:
No.
T5, T6, T7, T8 x 40mm
lbs. .57
T9, T10 x 50mm, T15, T20 x 60mm
In storage
pouch
Rugged Polyester Canvas
Storage Pouch Holds 8 Precision Tools up to
170mm in length. Folding pouch. Has security
flaps and velcro closer.
Item
No.
Size
lbs.
pkg.
14-1/2” W x 7-3/4” L
.13
1
In storage
pouch
Pkg.
10
10
10
10
10
10
10
10
10
10
10
10
www.wihatools.com
26791
267
267
26701
26702
26703
26704
26705
26706
26707
26708
26709
26710
26715
26720
26732
26733
26735
26736
26737
26739
26741
26743
26745
26747
26749
26751
26790
26792
26792
26793
26793
26796
26796
26791
26799
26799
91118
91118
26790



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com