Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36282 Datasheet(PDF) 10 Page - Wiha Tools

Part # 36282
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36282 Datasheet(HTML) 10 Page - Wiha Tools

Back Button 36282 Datasheet HTML 6Page - Wiha Tools 36282 Datasheet HTML 7Page - Wiha Tools 36282 Datasheet HTML 8Page - Wiha Tools 36282 Datasheet HTML 9Page - Wiha Tools 36282 Datasheet HTML 10Page - Wiha Tools 36282 Datasheet HTML 11Page - Wiha Tools 36282 Datasheet HTML 12Page - Wiha Tools 36282 Datasheet HTML 13Page - Wiha Tools 36282 Datasheet HTML 14Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
Drive-Loc VI
Interchangeable Blade High alloy CVM steel,
through hardened, hard chrome finish. Over
all blade length 150mm/5.9”. Blades fit all
Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
T6
T8
.09
1
T7
T9
.09
1
T10
T15
.10
1
T20
T25
.10
1
T30
T40
.10
1
Security
Drive-Loc VI
Over all blade length 150mm/5.9”.
Blades fit all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
T6s
T8s
.09
1
T7s
T9s
.09
1
T10s T15s
.10
1
T20s T25s
.10
1
T30s T40s
.10
1
Drive-Loc VI Cushion Grip Handle
Wiha-SoftFinish® impact resistant, with roll off
protection. Ergonomic cushion grip, Drive-Loc
mechanism guarantees a secure hold & rapid
blade exchange.
Item
No.
mm mm Inch mm Inch lbs.
6.0
115 4.5
36.0 1.41 .20
ESD Safe Drive-Loc VI Cushion
Grip Handle Wiha-SoftFinish® impact
resistant, with roll off protection. Ergonomic
cushion grip, Drive-Loc mechanism
guarantees a secure hold and rapid blade
exchange. Static Dissipative
Item
No.
mm mm Inch mm
Inch lbs.
6.0 115 4.5
36.0 1.41 .20
Drive-Loc VI MicroFinish Non-
Slip Grip Handle Wiha-MicroFinish handle,
won’t peel, crack or deteriorate when exposed
to petroleum solvents. Ideal for Hex, TORX®
& Nut Drivers. Ergonomic handle shape for
maximum comfort, mechanism guarantees a
secure hold & rapid blade exchange.
Item
No.
mm mm Inch mm
Inch lbs.
6.0
115 4.5
36.0 1.41 .20
Drive-Loc VI Interchangeable
Blade Set, 6 Pcs. In Durable Pouch
Set includes Drive-Loc VI handle &
5 interchangeable blades.
Item No.
Security
T6s+T8s, T7s+T9s, T10s+T15s,
T20s+T25s, T30s+T40s
lbs.
SoftFinish® Cushion Grip Blade
.83
Lock Handle
For Adjustable Length Locking Blades
Drive-Loc VI
Locking mechanism allows blade length to be adjusted from
40mm-120mm. (1.7 to 4.7” In 1/8” increments)
Blades high quality CVM steel, hard chrome finish.
Ergonomic handles in ESD Safe, cushioned & non-slip grip.
D
15Pc. Drive-Loc VI
Interchangeable Blade Set, In Durable
Pouch Set includes Drive-Loc VI handle &
14 interchangeable blades.
Item No.
lbs. 1.28
Slotted: 3.5+4.5, 5.5+6.5
Phillips: 1+2
Security
: T6s+T8s, T7s+T9s,
T10s+T15s, T20s+T25s, T30s+T40s
Hex Inch: 3/32+7/64, 1/8+9/64, 5/32+3/16
Hex Metric: 2.0+2.5, 3.0+4.0, 5.0+6.0mm
Wiha SoftFinish® Cushion Grip Blade Lock Handle
Wiha Drive-Loc VI Handles, Blades & Sets
Drive-Loc VI Standard Narrow
Profile Tech Handle Dynamic non-locking,
impact resistant, friction hold. Fits all Drive-Loc
blades. Does not have locking feature.
Item
No.
mm mm Inch mm
Inch lbs.
6.0
135 5.3
15.2 .60
.16
5 Pack Drive-Loc VI
Interchangeable Blade Set
Item No.
T6s+T8s,
T7s+T9s, T10s+T15s,
lbs.
T20s+T25s, T30s+T40s
.35
5 Pack Drive-Loc VI
Interchangeable Blade Set
Over all blade length 150mm/5.9”
Item No.
T6+T8, T7+T9, T10+T15,
lbs.
T20+T25, T30+T40
.35
Toll Free: (800) 494-6104
28488
28488
28486
28486
28487
28487
281
28126
28127
28128
28129
28130
281
28132
28133
28134
28135
28136
28197
28197
28189
28189
10810
10810
28485
28477
28485
28477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com