Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36282 Datasheet(PDF) 2 Page - Wiha Tools

Part # 36282
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36282 Datasheet(HTML) 2 Page - Wiha Tools

  36282 Datasheet HTML 1Page - Wiha Tools 36282 Datasheet HTML 2Page - Wiha Tools 36282 Datasheet HTML 3Page - Wiha Tools 36282 Datasheet HTML 4Page - Wiha Tools 36282 Datasheet HTML 5Page - Wiha Tools 36282 Datasheet HTML 6Page - Wiha Tools 36282 Datasheet HTML 7Page - Wiha Tools 36282 Datasheet HTML 8Page - Wiha Tools 36282 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
DESCRIPTION
Page
SoftFinish®
5
ESD Safe SoftFinish®
6
Insulated
7
MicroFinish
7
Powerhandle
8
Proturn
8
3K Series
9
Drive-Loc VI Blades
10
T-handle & ComfortGrip 13
L-Keys
12-13
Offset Screwdrivers
11
PocketStar Fold Outs
11
Wing Handle
14
Flag Handle
14
TorqueControl Blades
20-22
Precision Tools
SYSTEM 4 Blades
24
SYSTEM 4 Micro Bits
25
Bit Sets
26-27
Insert & Power Bits
29-32
Bit Sockets & Sets
35-36
Torx® Index
Cushion Grip
Cushion Grip
Standard
23
PicoFinish
23
ESD Safe
24
Non-Slip Grip
Cushion Grip
* Standard TORX® are not for use in TORXPlus® fasteners
DESCRIPTION
Page
SoftFinish Drivers
15
L-Keys
15
Power Bits
15
Ball End Torx® Index
Cushion Grip
DESCRIPTION
Page
Wing Handle
16
Flag Handle
16
PocketStar Fold Outs
16
SoftFinish®
17
T-handles
17
L-Keys Short/Long Arm
18
TorqueControl Blade
20-22
ESD Safe Precision
24
Bit-Selectors
27
Insert Bits
34
Power Bits
34
Bit Sockets & Sets
35,37
TorxPlus® Index
Cushion Grip
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com