Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36282 Datasheet(PDF) 11 Page - Wiha Tools

Part # 36282
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36282 Datasheet(HTML) 11 Page - Wiha Tools

Back Button 36282 Datasheet HTML 7Page - Wiha Tools 36282 Datasheet HTML 8Page - Wiha Tools 36282 Datasheet HTML 9Page - Wiha Tools 36282 Datasheet HTML 10Page - Wiha Tools 36282 Datasheet HTML 11Page - Wiha Tools 36282 Datasheet HTML 12Page - Wiha Tools 36282 Datasheet HTML 13Page - Wiha Tools 36282 Datasheet HTML 14Page - Wiha Tools 36282 Datasheet HTML 15Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
Insulated
SlimLine Blades
High quality CV steel, through hardened.
Item
Slim Max Inch/
No.
Size Dia. Nm lbs.
lbs.
T8
4.0
1.3
11.5 .02
T9
4.0
1.3
11.5 .02
T10 4.0
3.8
33.6 .02
T15 6.0
5.5
48.7 .02
T20 6.0
5.5
48.7 .02
T25 6.0
5.5
48.7 .02
SlimLine Blade Holder,
With Wiha-SoftFinish® Handle Insulation
Chrome-vanadium steel, through-hardened.
Insulation molded directly onto blade. Friction
hold blade holder. Wiha-SoftFinish® handle,
multi-component, cushion grip.
Item
No.
Size mm Inch mm Inch lbs. pkg.
1/4” 50 2.0 160 6.3 .15
1
Wiha Insulated SlimLine Tools
Insulation according to EN/IE, ASTM, VDE,
DIN, NFPA70E & CSA specification
Wiha SlimTECHNOLOGY
Achieves blade diameters up to 33%
narrower utilizing integrated insulation
PocketStar Fold Outs,
8 Pc. Set High alloy CVM steel, hardened,
molded ergonomic handle. OAL 4.74”
Item No.
T9, T10, T15, T20,
lbs. .24
T25, T27, T30, T40
PocketStar Fold Outs,
7 Pc. Set High alloy CVM steel, hardened,
molded ergonomic handle. OAL 3.8”
Item No.
lbs. .22
T7, T8, T9, T10, T15, T20, T25
Security
PocketStar
Fold Outs, 7 Pc. Set High alloy CVM steel,
hardened, molded ergonomic handle. OAL 3.8”
Item No.
TR
lbs.
T7s, T8s, T9s,
.22
T10s, T15s, T20s, T25s
Security
PocketStar
Fold Outs, 8 Pc. Set High alloy CVM steel,
hardened, molded ergonomic handle. OAL 4.74”
Item No.
TR
lbs. .24
T9s, T10s, T15s, T20s,
T25s, T27s, T30s, T40s
Push button
key release
Blade length range
1.68 - 1.94”
Push button
key release
Blade length range
1.95 - 2.39”
Push button
key release
Blade length range
1.68 - 1.94”
Push button
key release
Blade length range
1.95 - 2.39”
Offset Screwdriver Set,
5 Pcs. With Molded Handle Blade CVM
special steel, hardened, black finish.
Item
Set Includes: T6+T8,
No.
T7+T9, T10+T15,
lbs. pkg.
T20+T25, T27+T30
.24 1
Item
No.
Size
lbs.
pkg.
T6 + T8
.02
1
T7 + T9
.02
1
T10 + T15
.02
1
T20 + T25
.07
1
T27 + T30
.10
1
Offset Screwdriver With
Molded Handle For working in confined
spaces. Blade CVM special steel,
hardened, black finish.
Wiha Offset Screwdrivers
Wiha PocketStar Fold Outs
Insulated Security
SlimLine
Drivers Insulation According to ASTM, New
VDE Specification 0682/part 201 and EN/
IEC 60900, NFPA70E & CSA,
up to 1000
Volt. Individually Tested to 10,000Volts.
Item
No.
Size
mm
mm
T10s 100
204
T15s 100
211
T20s 100
211
T25s 125
243
T27s 125
243
T30s 125
243
T40s 150
268
1.4”
1000Volt
6 Pc. Insulated SlimLine
Security
Screwdrivers. Insulation
According to ASTM F-1505, New VDE
Specification 0682/part 201 and EN/IEC
60900, NFPA70E & CSA,
up to 1000 Volt.
Individually Tested to 10,000Volts. High
quality CV steel, through hardened. SlimLine
blades have up to 33% narrower insulation
diameter then standard insulated tools.
Item
Security
: T10s, T15s,
No.
T20s, T25s, T27s, T30s
lbs. 1.18
1000Volt
Wiha SlimLine Security
SoftFinish® Screwdrivers
Pkg.
1
1
1
1
1
1
lbs. Pkg.
.08
1
.12
1
.12
1
.18
1
.21
1
.21
1
.26
1
www.wihatools.com
28301
28301
283
28339
28344
28340
28341
28342
28343
36396
36395
36398
36397
36396
36395
36398
36397
207
20756
20757
20758
20759
20760
20799
20799
32512
32513
32514
32515
32517
32518
32519
32596
325
32596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com