Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRDM665CANFDEVB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # FRDM665CANFDEVB
Description  Hardware user manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDM665CANFDEVB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button FRDM665CANFDEVB Datasheet HTML 5Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 6Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 7Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 8Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 9Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 10Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 11Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 12Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NXP Semiconductors
UM11733
Hardware user manual for FRDM665CANFDEVB
Pin number
Connection
Description
2-3
3V3LDO-VIO
connect constant 3.3 V generated by external LDO to VIO
Table 7. VIO jumper - J13...continued
Pin number
Connection
Description
2
CANL
CANL interface for TJA1443
3
VSS
ground connection for MC33665A and interface boards
7
CANH
CANH interface for TJA1443
Others
-
not connected
Table 8. Sub-D9 CAN connector - J15
4.6 Schematic, board layout and bill of materials
The schematic, board layout and bill of materials for the FRDM665CANFDEVB
evaluation board are available at http://www.nxp.com/FRDM665CANFDEVB
5 Configuring the hardware
5.1 CAN (FD) interface
FRDM665CANFDEVB can be connected to a PC/laptop or other ECUs with power and
CAN cable. A 12 V supply line can be used to power the FRDM665CANFDEVB, female
sub-D9 connector can be interfaced to relevant CAN tool or ECU. SW2 can be used
to configure the CAN ID for MC33665A. CFG pins can also be configured to set the
arbitration speed for MC33665A. Press SW1 button (RST switch) after changing any
settings on SW2. Ensure the settings on J8 for VDD5V and J13 for VIO selection are
appropriate for power supplied to the board. CANFDEVB interface J10 can be used for
direct interface with S32K344EVB for CAN or CAN FD.
Figure 4. CAN (FD) EVB interface
UM11733
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
User manual
Rev. 2 — 25 August 2022
9 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com