Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRDM665CANFDEVB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FRDM665CANFDEVB
Description  Hardware user manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDM665CANFDEVB Datasheet(HTML) 4 Page - NXP Semiconductors

  FRDM665CANFDEVB Datasheet HTML 1Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 2Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 3Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 4Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 5Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 6Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 7Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 8Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
UM11733
Hardware user manual for FRDM665CANFDEVB
1 Introduction
The NXP analog product development boards provide an easy-to-use platform for
evaluating NXP products. The boards support a range of analog, mixed-signal, and
power solutions. They incorporate monolithic integrated circuits and system-in-package
devices that use proven high-volume technology. NXP products offer longer battery life, a
smaller form factor, reduced component counts, lower cost, and improved performance in
powering state-of-the-art systems.
2 Finding kit resources and information on the NXP web site
NXP Semiconductors provides online resources for this evaluation board and its
supported device(s) on http://www.nxp.com.
The information page for the FRDM665CANFDEVB evaluation board is at http://
www.nxp.com/FRDM665CANFDEVB. The information page provides overview
information, documentation, software and tools, parametrics, ordering information and
a Getting Started tab. The Getting Started tab provides quick-reference information
applicable to using the FRDM665CANFDEVB evaluation board, including the
downloadable assets referenced in this document.
3 Getting ready
Working with the FRDM665CANFDEVB evaluation board requires the kit contents,
additional hardware.
Note: MC33665A referred to in this document is a CAN (FD) variant with
MC33665ATF4AE.
3.1 Kit contents
The FRDM665CANFDEVB kit includes:
• MC33665A CAN (FD)
• One transport protocol link (TPL) daisy chain cable
• One power cable
• Quick start guide
3.2 Additional hardware
In addition to the kit contents, the following hardware is necessary or beneficial:
• External dual power supply 8 V to 16 V/2 A (optional)
• EVBs of battery cell controller (BCC) devices from NXP
• 14-cell battery pack or a battery emulator, such as BATT-14CEMULATOR
4 Getting to know the hardware
4.1 Kit overview
The FRDM665CANFDEVB serves as a hardware evaluation tool in support of the
MC33665A device of NXP. The MC33665A is a gateway router that can route TPL
UM11733
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
User manual
Rev. 2 — 25 August 2022
4 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com