Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRDM665CANFDEVB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FRDM665CANFDEVB
Description  Hardware user manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDM665CANFDEVB Datasheet(HTML) 5 Page - NXP Semiconductors

  FRDM665CANFDEVB Datasheet HTML 1Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 2Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 3Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 4Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 5Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 6Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 7Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 8Page - NXP Semiconductors FRDM665CANFDEVB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
UM11733
Hardware user manual for FRDM665CANFDEVB
messages from the microcontroller to four different TPL ports. It is designed for use in
both automotive and industrial applications. The device can route both TPL2 and TPL3
messages with CAN (FD) communication. FRDM665CANFDEVB is an ideal board for
rapid prototyping of MC33665A for interface to MCU.
FRDM665CANFDEVB supports both classical CAN or CAN (FD). Differential
communication to daisy chain devices can be established with four different TPL ports.
4.2 Board features
The main features of FRDM665CANFDEVB are:
• CAN and CAN FD
• Onboard transformer isolation for TPL communication to BCC devices
• Configurable VIO voltage
• Configurable VDD5V from internal and external supply
• DIP switch for configuring the arbitration baud rate and CAN ID (ID0_STB_OD, ID1,
ID2 and ID3) of MC33665A
• Reset switch
• LED display for the status of power
• Connectors for external interface to general-purpose input/output (GPIO) and I2C-bus
4.3 Block diagram
aaa-044810
CAN TX
REQUEST
CAN
TRANSCEIVER
VIO(VDDIO)
CFG0, CFG1
ID0_STB_OD, ID1, ID2, ID3
DIP switch
3V3LDO
J13
J8
SW1
J1
D12
CAN RX
RESPONSE
TPL
PORT 0
LDO
MC33665A
POWER MANAGEMENT
GPIO, CONFIG AND
STATUS PINS
TPL
PORT 1
TPL
PORT 2
TPL
PORT 3
reset
switch
VBAT
KL30/
12 V/T30
VDD5V
VREG
VDDC/VDDD
VDD5V
VREG
VREG
EXT5V
external interface
for GPIO and
status signals
Figure 1. FRDM665CANFDEVB block diagram
UM11733
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
User manual
Rev. 2 — 25 August 2022
5 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com