Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 15Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 16Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 17Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 18Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 19Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 20Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 21Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 22Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 23Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
CJ-Series analog I/O and control units
Modular PLC
20
Note: All Analogue I/O units are designated as Special I/O units, except TS561/TS562, which are Basic I/O units (cannot be used with CP1H).
Accessories
2
Thermocouple
input
B, E, J, K, L, N, R, S,
T, U,
WRe5-26, PLII,
-100 to 100 mV
1/64,000
0.05%
5ms/point
31 mm Configurable alarms, maintenance functions M3
CJ1W-PTS15
2
Resistance ther-
mometer input
Pt50, Pt100, JPt100,
Ni508.4
1/64,000
0.05%
5ms/point
31 mm Configurable alarms, maintenance functions M3
CJ1W-PTS16
4
Thermocouple
Input
B, J, K, L,
R, S, T
0.1°C
0.3%
62.5 ms/point
31 mm 4 configurable alarm outputs
M3
CJ1W-PTS51
4
Resistance ther-
mometer input
Pt100, JPt100
0.1°C
0.3%
62.5 ms/point
31 mm 4 configurable alarm outputs
M3
CJ1W-PTS52
6
Thermocouple
input
K-type
(-200 to
1,300°C)
J-Type
(-100 to 850°C)
0.1°C
0.5%
40 ms/point
31 mm Basic I/O unit, setup by DIPswitches,
adjustable filtering 10/50/60 Hz
M3
CJ1W-TS561
Screwless
CJ1W-TS561 (SL)
6
Resistance ther-
mometer input
Pt100
(-200 to 650°C)
Pt1000
(-200 to 650°C)
0.1°C
0.5%
40 ms/point
31 mm Basic I/O unit, setup by DIPswitches,
adjustable filtering 10/50/60 Hz
M3
CJ1W-TS562
Screwless
CJ1W-TS562 (SL)
4
Temperature con-
trol loops, Thermo-
couple
B, J, K, L,
R, S, T
0.1°C
0.3%
500 ms total
31 mm 4 control outputs: PNP open
collector, 100 mA max.
M3
CJ1W-TC002
2
Temperature con-
trol loops, Thermo-
couple
B, J, K, L,
R, S, T
0.1°C
0.3%
500 ms total
31 mm 2 control outputs: PNP open
collector, 100 mA max., 2 current transform-
erinputs for heater burnout detection.
M3
CJ1W-TC004
4
Temperature con-
trol loops, RTD
Pt100, JPt100
0.1°C
0.3%
500 ms total
31 mm 4 control outputs: PNP open
collector, 100 mA max.
M3
CJ1W-TC102
2
Temperature con-
trol loops, RTD
Pt100, JPt100
0.1°C
0.3%
500 ms total
31 mm 2 control outputs: PNP open
collector, 100 mA max., 2 current transform-
erinputs for heater burnout detection.
M3
CJ1W-TC104
*1 Accuracy for Voltage and Current Inputs/Outputs as percentage of full scale and typical value at 25°C ambient temperature (Consult the operation manual for details)
Accuracy for Temperature Inputs/Outputs as percentage of process value and typical value at 25°C ambient temperature (Consult the operation manual for details)
Description
Connection
type
Order code
Replacement 18-point screwless terminal blocks for I/O units, pack of 5 pcs.
Screwless
CJ-WM01-18P-5
Replacement 18-point screw terminal blocks for I/O units, pack of 5 pcs.
M3
CJ-OD507-18P-5
Points Type
Ranges
Resolution
Accuracy *1
Conversion
time
Width
Remarks
Connection
type
Order code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com