Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 13Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 14Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 15Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 16Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 17Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 18Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 19Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 20Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
CJ-Series power supplies, expansions
Modular PLC
Power and flexibility
CJ systems can operate on 24 VDC power supply, or on 100 to 240 VAC mains.
For small-scale systems with mainly digital I/O a low-cost small-capacity power
supply can be used. For systems with many analogue I/Os and control/communica-
tion units, it may be necessary to use a larger power supply unit.
Depending on the CPU type, up to 3 expansions can be connected to the CPU 'rack',
giving a total capacity of 40 I/O units. The total length of the expansion cables of one
system may be up to 12 m.
Ordering information
Power supply
Note: The CJ1W-PD022 has no galvanic isolation
I/O expansion
Input range
Power
consumption
Output capacity
at
5VDC
Output capacity
at
24 VDC
Max. output
power
Features
Width
Order code
21.6 to 26.4 VDC
35 W
max.
2.0 A
0.4 A
16.6 W
–
27 mm
CJ1W-PD022
19.2 to 28.8 VDC
50 W
max.
5.0 A
0.8 A
25 W
–
60 mm
CJ1W-PD025
85 to 264 VAC
47 to 63 Hz
50 VA max.
2.8 A
0.4 A
14 W
–
45 mm
CJ1W-PA202
100 VA max.
5.0 A
0.8 A
25 W
Run output (SPST relay)
80 mm
CJ1W-PA205R
Maintenance status display
80 mm
CJ1W-PA205C
Type
Description
Width,
Length
Order code
I/O control unit
Required unit on CPU 'rack' to connect I/O expansions
20 mm
CJ1W-IC101
I/O interface unit
Start unit for each I/O expansion 'rack'. Requires a power supply unit.
31 mm
CJ1W-II101
I/O expansion cable
Connects CJ1W-IC101 or -II101 to the next expansion rack's -II101
0.3 m
CS1W-CN313
0.7 m
CS1W-CN713
2.0 m
CS1W-CN223
3.0 m
CS1W-CN323
5.0 m
CS1W-CN523
10 m
CS1W-CN133
12 m
CS1W-CN133-B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com