Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 14Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 15Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 16Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 17Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 18Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 19Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 20Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 21Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
CJ-Series digital I/O units
Modular PLC
8 to 64 points per unit – input, output or
mixed
Digital I/O units serve as the PLC's interface to achieve fast, reliable sequence
control. A full range of units, from high-speed DC inputs to relay outputs, let you adapt
CJ1 to your needs.
CJ1 units are available with various I/O densities and connection technologies. Up to
16 I/O points can be wired to units with detachable M3 screw terminals or screwless
clamp terminals. High-density 32- and 64- point I/O units are equipped with standard
40-pin flat cable-connectors. Prefabricated cables and wiring terminals are available
for easy interfacing to high-density I/O units.
Ordering information
Note: All digital I/O unit are designated as basic I/O units.
Accessories
Points
Type
Rated voltage
Rated current
Width
Remarks
Connection type*1
*1 MIL = connector according to MIL-C-83503 (compatible with DIN 41651/IEC 60603-1).
Order code
16
AC input
120 VAC
7mA
31 mm
–
M3
CJ1W-IA111
8
AC input
240 VAC
10 mA
31 mm
–
M3
CJ1W-IA201
8
DC input
24 VDC
10 mA
31 mm
–
M3
CJ1W-ID201
16
DC input
24 VDC
7mA
31 mm
–
M3
Screwless
CJ1W-ID211
CJ1W-ID211(SL)
16
DC input
24 VDC
7mA
31 mm
Fast-response (15 μs ON, 90 μs OFF)
M3
CJ1W-ID212
16
DC input
24 VDC
7mA
31 mm
Inputs start interrupt tasks in PLC program M3
CJ1W-INT01
16
DC input
24 VDC
7mA
31 mm
Latches pulses down to 50 μs pulse width M3
CJ1W-IDP01
32
DC input
24 VDC
4.1 mA
20 mm
–
1 x Fujitsu
CJ1W-ID231
32
DC input
24 VDC
4.1 mA
20 mm
–
1 x MIL*1 (40 pt)
CJ1W-ID232
32
DC input
24 VDC
4.1 mA
20 mm
Fast-response (15 μs ON, 90 μs OFF)
1 x MIL*1 (40 pt)
CJ1W-ID233
64
DC input
24 VDC
4.1 mA
31 mm
–
2 x Fujitsu
CJ1W-ID261
64
DC input
24 VDC
4.1 mA
31 mm
–
2 x MIL*1 (40 pt)
CJ1W-ID262
8
Triac output
250 VAC
0.6 mA
31 mm
–
M3
CJ1W-OA201
8
Relay output
250 VAC
2A
31 mm
–
M3
Screwless
CJ1W-OC201
CJ1W-OC201(SL)
16
Relay output
250 VAC
2A
31 mm
–
M3
Screwless
CJ1W-OC211
CJ1W-OC211(SL)
8
DC output (sink)
12 to 24 VDC
2A
31 mm
–
M3
CJ1W-OD201
8
DC output (source)
24 VDC
2A
31 mm
With short-circuit protection, alarm
M3
CJ1W-OD202
8
DC output (sink)
12 to 24 VDC
0.5
A
31 mm
–
M3
CJ1W-OD203
8
DC output (source)
24 VDC
0.5
A
31 mm
With short-circuit protection, alarm
M3
CJ1W-OD204
16
DC output (sink)
12 to 24 VDC
0.5
A
31 mm
–
M3
Screwless
CJ1W-OD211
CJ1W-OD211 (SL)
16
DC output (source)
24 VDC
0.5
A
31 mm
With short-circuit protection, alarm
M3
Screwless
CJ1W-OD212
CJ1W-OD212 (SL)
16
DC output (sink)
24 VDC
0.5
A
31 mm
Fast-response (15 μs ON, 80 μs OFF)
M3
CJ1W-OD213
32
DC output (sink)
12 to 24 VDC
0.5
A
20 mm
–
1 x Fujitsu
CJ1W-OD231
32
DC output (source)
24 VDC
0.3
A
20 mm
With short-circuit protection, alarm
1 x MIL*1 (40 pt)
CJ1W-OD232
32
DC output (sink)
12 to 24 VDC
0.5
A
20 mm
–
1 x MIL*1 (40 pt)
CJ1W-OD233
32
DC output (sink)
24 VDC
0.5
A
20 mm
Fast-response (15 μs ON, 80 μs OFF)
1 x MIL*1 (40 pt)
CJ1W-OD234
64
DC output (sink)
12 to 24 VDC
0.3
A
31 mm
–
2 x Fujitsu
CJ1W-OD261
64
DC output (source)
24 VDC
0.3
A
31 mm
–
2 x MIL*1 (40 pt)
CJ1W-OD262
64
DC output (sink)
12 to 24 VDC
0.3
A
31 mm
–
2 x MIL*1 (40 pt)
CJ1W-OD263
16 +16
DC in+out (sink)
24 VDC
0.5
A
31 mm
–
2 x Fujitsu
CJ1W-MD231
16 +16
DC in+out (source)
24 VDC
0.5
A
31 mm
–
2 x MIL*1 (20 pt)
CJ1W-MD232
16 +16
DC in+out (sink)
24 VDC
0.5
A
31 mm
–
2 x MIL*1 (20 pt)
CJ1W-MD233
32 +32
DC in+out
24 VDC
0.3
A
31 mm
–
2 x Fujitsu
CJ1W-MD261
32 +32
DC in+out (sink)
24 VDC
0.3
A
31 mm
–
2 x MIL*1 (40 pt)
CJ1W-MD263
32 +32
DC in+out (TLL)
5VDC
35 mA
31 mm
–
2 x MIL*1 (40 pt)
CJ1W-MD563
Description
Connection type
Order code
Replacement 18-point screwless terminal blocks for I/O units, pack of 5 pcs.
Screwless
CJ-WM01-18P-5
Replacement 18-point screw terminal blocks for I/O units, pack of 5 pcs.
M3
CJ-OD507-18P-5
I/O terminal block (40×M3 screw) for XW2Z-_ _ _ K
MIL (40pt)
XW2D-40G6
Connection cable between I/O terminal block and I/O unit ( _ _ _ = length in cm)
MIL (40pt)
XW2Z-___ K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com