Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 15Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 16Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 17Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 18Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 19Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 20Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 21Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 22Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 23Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19
CJ-Series analog I/O and control units
Modular PLC
From basic analogue I/O to advanced
temperature control
The CJ-series offers a wide choice of analogue input units, fit for any application,
from low-speed, multi-channel temperature measurement to high-speed, high-accu-
racy data acquisition. Analogue outputs can be used for accurate control or external
indication.
Advanced units with built-in scaling, filtering and alarm functions reduce the need for
complex PLC programming. High-accuracy process I/O units support an extensive
range of sensors, for fast and accurate data acquisition. Temperature control units
relieve the PLC CPU of PID calculations and alarm monitoring. These functions are
handled autonomously by the unit, offering control performance and autotuning func-
tions similar to stand-alone temperature controllers.
Ordering information
Points Type
Ranges
Resolution
Accuracy *1
Conversion
time
Width
Remarks
Connection
type
Order code
4
Universal analogue
input
0 to
5 V
1 to
5 V
0 to
10 V
0 to
20 mA
4 to
20 mA
K, J, T, L, R, S, B
Pt100, Pt1000,
JPt100
V / I: 1/12000
T/C: 0.1 °C
RTD: 0.1 °C
V: 0.3%
I: 0.3%
T/C: 0.3%
RTD: 0.3%
250 ms/4 point 31 mm Universal inputs, with zero/span adjustment,
configurable alarms, scaling, sensor error
detection
M3
CJ1W-AD04U
Screwless
CJ1W-AD04U(SL)
4
Analogue input
0to
5 V,
0to
10 V,
-10 to
10 V,
1to
5 V,
4to
20 mA
1/8,000
V:
0.2%
I:
0.4%
250 μs/point
31 mm Offset/gain adjustment, peak hold,
moving average, alarms
M3
CJ1W-AD041-V1
Screwless
CJ1W-AD041-V1 (SL)
4
High-speed
analogue input
1to
5 V,
0to
10 V,
-5 to
5 V,
-10 to
10 V,
4to
20 mA
1/40,000
V:
0.2%
I:
0.4%
35 μs/4 points
31 mm Direct conversion (CJ2H special instruction) M3
CJ1W-AD042
8
Analogue input
1to
5 V,
0to
10 V,
-10 to
10 V,
1to
5 V,
4to
20 mA
1/8,000
V:
0.2%
I:
0.4%
250 μs/point
31 mm Offset/gain adjustment, peak hold,
moving average, alarms
M3
CJ1W-AD081-V1
Screwless
CJ1W-AD081-V1 (SL)
2
Analogue output
0to
5 V,
0to
10 V,
-10 to
10 V,
1to
5 V,
4to
20 mA
1/4,000
V:
0.3%
I:
0.5%
1ms/point
31 mm Offset/gain adjustment, output hold
M3
CJ1W-DA021
Screwless
CJ1W-DA021 (SL)
4
Analogue output
1to
5 V,
0to
10 V,
-10 to
10 V,
1to
5 V,
4to
20 mA
1/4,000
V:
0.3%
I:
0.5%
1ms/point
31 mm Offset/gain adjustment, output hold
M3
CJ1W-DA041
Screwless
CJ1W-DA041 (SL)
4
High-speed
analogue output
1to
5 V,
0to
10 V,
-10 to
10 V
1/40,000
0.3%
35 μs/4 points
31 mm Direct conversion (CJ2H special instruction) M3
CJ1W-DA042V
8
Voltage output
0to
5 V,
0to
10 V,
-10 to
10 V,
1to
5 V
1/8,000
0.3%
250 μs/point
31 mm Offset/gain adjustment, output hold
M3
CJ1W-DA08V
Screwless
CJ1W-DA08V (SL)
8
Current output
4to
20 mA
1/8,000
0.5%
250 μs/point
31 mm Offset/gain adjustment, output hold
M3
CJ1W-DA08C
Screwless
CJ1W-DA08C (SL)
4 + 2
Analogue in + out-
put
1to
5 V,
0to
10 V,
-10 to
10 V,
1to
5 V,
4to
20 mA
1/8,000
in:
0.2%
out: 0.3%
1ms/point
31 mm Offset/gain adjustment, scaling, peak hold,
moving average, alarms, output hold
M3
CJ1W-MAD42
Screwless
CJ1W-MAD42 (SL)
4
Universal analogue
input
DC voltage,
DC current,
Thermocouple,
Pt100/Pt1000,
potentiometer
1/256000
0.05%
60 ms/4 points 31 mm All inputs individually isolated, configurable
alarms, maintenance functions,
user-defined scaling, zero/span adjustment
M3
CJ1W-PH41U
2
Process input
4to
20 mA
0to
20 mA
0to
10 V,
-10 to
10 V,
0to
5 V,
-5 to
5 V,
1to
5 V,
0 to 1.25 V,
1.25 to 1.25 V
1/64,000
0.05%
5ms/point
31 mm Configurable alarms, maintenance
functions, user-defined scaling, zero/span
adjustment, square root, totaliser
M3
CJ1W-PDC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com