Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRAGSTER Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # DRAGSTER
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

DRAGSTER Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button DRAGSTER Datasheet HTML 4Page - ams-OSRAM AG DRAGSTER Datasheet HTML 5Page - ams-OSRAM AG DRAGSTER Datasheet HTML 6Page - ams-OSRAM AG DRAGSTER Datasheet HTML 7Page - ams-OSRAM AG DRAGSTER Datasheet HTML 8Page - ams-OSRAM AG DRAGSTER Datasheet HTML 9Page - ams-OSRAM AG DRAGSTER Datasheet HTML 10Page - ams-OSRAM AG DRAGSTER Datasheet HTML 11Page - ams-OSRAM AG DRAGSTER Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
Dragster
Pin assignment
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
8 / 109
/
3
Pin assignment
3.1
Pin diagram
The available packages are organized into two main types: LCC Ceramic and INVAR. The
LCC is a no lead package where the silicon's carrier is ceramic while the INVAR package uses
a special nickel-iron alloy as heat dissipation and mechanical reference. While the LCC
Ceramic package is oriented for size, resolution and cost conscious applications, the INVAR
type is focused on high performance and robustness, where highest speed and high
resolutions are the main advantages to the field application. All package types take a cover
glass (anti-reflective coating) over sensor's silicon to protect from external dust particles.
For the customer, one of the most obvious advantages of Dragster packages is the use of
commercially available INVAR connectors or low cost LCC Ceramic connections. This makes
each camera development fast, easy and also brings other advantages: precise mechanical
alignment to the optics by taking INVAR as reference and its CNC machined features,
integrated heat dissipation plate that minimizes sensor stress in z-axis, maximization of sensor
performance in speed and noise and customizable package to suit any requirement. The LCC
Ceramic can also be mounted as a SMD part.
Dragster INVAR modules have up to four Molex connectors with 120-pin and reference
5010171203. On the camera side the matching part is 546841204.
Figure 3: Pin numbering of DR16K3.5 and DR2x8K7 (back view)
Connector 4
Connector 2
Connector 3
Connector 1
60
120
120
120
120
60
60
60
1
1
1
1
61
61
61
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com