Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRAGSTER Datasheet(PDF) 32 Page - ams-OSRAM AG

Part # DRAGSTER
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

DRAGSTER Datasheet(HTML) 32 Page - ams-OSRAM AG

Back Button DRAGSTER Datasheet HTML 28Page - ams-OSRAM AG DRAGSTER Datasheet HTML 29Page - ams-OSRAM AG DRAGSTER Datasheet HTML 30Page - ams-OSRAM AG DRAGSTER Datasheet HTML 31Page - ams-OSRAM AG DRAGSTER Datasheet HTML 32Page - ams-OSRAM AG DRAGSTER Datasheet HTML 33Page - ams-OSRAM AG DRAGSTER Datasheet HTML 34Page - ams-OSRAM AG DRAGSTER Datasheet HTML 35Page - ams-OSRAM AG DRAGSTER Datasheet HTML 36Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
Dragster
Functional description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
32 / 109
/
7.4.2
ADC linear mode
On linear conversion the ADC will require as many clock cycles as the register programmed
ADC end of range. Figure 14 shows a diagram of the ADC linear response function and the
effect of the different registers on the transfer function.
Information:
It is important to program the end of range according to the pixel data bit width. If digital
saturation logic is not enabled in the register 0x01 bit '5', ADC end of range is above 4095 DN
and only 12 LSBs are read out, this can create signal “wrap around” artefacts when the pixel
value is over 4095 DN.
In order to reduce the ADC conversion time, comparing to readout time and keep the ADC in
linear mode, the conversion can be operated at a higher clock frequency than the remaining
circuitry. This is done by directly supplying the higher clock frequency to the chip main clock
and programming the internal clock divider (register 0x01 bits 1 and 2) such that the clock
frequency in chip's readout remains below 50 MHz.
Figure 14: ADC transfer function in linear mode and registers defining the ADC parameters
When in linear mode conversion time (CT) is obtained by the Equation below:
Equation 1:
������������ = ������������������ ������������ ������������������������������ ������������������������������������������������ × 32 ×
1
������������������������
DN
ADC End Range
Register 9
ADC Step
Register 3
ADC Black Level
Register 4
Analogue Voltage Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com