Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRAGSTER Datasheet(PDF) 65 Page - ams-OSRAM AG

Part # DRAGSTER
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

DRAGSTER Datasheet(HTML) 65 Page - ams-OSRAM AG

Back Button DRAGSTER Datasheet HTML 61Page - ams-OSRAM AG DRAGSTER Datasheet HTML 62Page - ams-OSRAM AG DRAGSTER Datasheet HTML 63Page - ams-OSRAM AG DRAGSTER Datasheet HTML 64Page - ams-OSRAM AG DRAGSTER Datasheet HTML 65Page - ams-OSRAM AG DRAGSTER Datasheet HTML 66Page - ams-OSRAM AG DRAGSTER Datasheet HTML 67Page - ams-OSRAM AG DRAGSTER Datasheet HTML 68Page - ams-OSRAM AG DRAGSTER Datasheet HTML 69Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
Dragster
Pin description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
65 / 109
/
Pin number
Pin name
(DR4K3.5_LCC_Ceramic
DR2x2K7_LCC_Ceramic)
Pin name
(DR2K7_LCC_Ceramic)
Pin type(1)
29
Tap B1 Bit 6
Tap B1 Bit 6
DO
30
Tap B1 Bit 8
Tap B1 Bit 8
DO
31
Tap B1 Bit 10
Tap B1 Bit 10
DO
32
Tap B1 Bit 12
Tap B1 Bit 12
DO
33
VSS
VSS
GND
34
VDDA
VDDA
3.3 V Analogue
35
VDD
VDD
3.3 V Supply
36
VDD
VDD
3.3 V Supply
37
VDD
VDD
3.3 V Supply
38
VDDA
VDDA
3.3 V Analogue
39
N_Reset
N_Reset
DI
40
VSS
GND
GND
41
Tap D1 Bit 12
Not connected
DO
42
Tap D1 Bit 10
Not connected
DO
43
Tap D1 Bit 8
Not connected
DO
44
Tap D1 Bit 6
Not connected
DO
45
VSS
VSS
GND
46
Tap D1 Bit 4
Not connected
DO
47
Tap D1 Bit 2
Not connected
DO
48
Tap D1 Bit 0
Not connected
DO
49
Tap D1 Bit 11
Not connected
DO
50
Tap D1 Bit 9
Not connected
DO
51
Tap D1 Bit 7
Not connected
DO
52
Tap D1 Bit 5
Not connected
DO
53
Tap D1 Bit 3
Not connected
DO
54
Tap D1 Bit 1
Not connected
DO
55
VSS
GND
GND
56
End_ADC_Tap C1/D1
Not connected
DO
57
Pixel_CLK_Tap C1/D1
Not connected
DO
58
Tap C1 Bit 0
Not connected
DO
59
Tap C1 Bit 2
Not connected
DO
60
Tap C1 Bit 4
Not connected
DO
61
Tap C1 Bit 6
Not connected
DO
62
Tap C1 Bit 8
Not connected
DO
63
Tap C1 Bit 10
Not connected
DO
64
Tap C1 Bit 12
Not connected
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com