Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRAGSTER Datasheet(PDF) 55 Page - ams-OSRAM AG

Part # DRAGSTER
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

DRAGSTER Datasheet(HTML) 55 Page - ams-OSRAM AG

Back Button DRAGSTER Datasheet HTML 51Page - ams-OSRAM AG DRAGSTER Datasheet HTML 52Page - ams-OSRAM AG DRAGSTER Datasheet HTML 53Page - ams-OSRAM AG DRAGSTER Datasheet HTML 54Page - ams-OSRAM AG DRAGSTER Datasheet HTML 55Page - ams-OSRAM AG DRAGSTER Datasheet HTML 56Page - ams-OSRAM AG DRAGSTER Datasheet HTML 57Page - ams-OSRAM AG DRAGSTER Datasheet HTML 58Page - ams-OSRAM AG DRAGSTER Datasheet HTML 59Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 109 page
background image
Dragster
Register description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
55 / 109
/
9.1.9
End of range register (Address 0x09)
Table 26: End of range register
Address: 0x09
Default value: 0x7F
Access: Read/Write
Bit
Bit name
Default
Bit description
7:0
End of Range
Register
01111111b
This register is responsible for holding the value to
configure the end of the ADC range (the highest digital
value computed by the ADC). The register holds the 8
MSB's of a 13-bit value (the 5 LSB's are set by hard
wiring to zero). The time in master clock cycles the ADC
requires for a conversion equals the value in this register
multiplied by 32.
Use this register to choose between 10-bit,
11-bit, 12-bit ADC resolution.
The ADC resolution trades versus the ADC conversion
time. Higher resolution thus requires longer line periods,
or the ADC to be run at higher clock frequency.
9.1.10
Test multiplexer register (Address 0x0A)
Table 27: Test multiplexer register
Address: 0x0A
Default value: 0x00(1)
Access: Read/Write
Bit
Bit name
Default
Bit description
7:7
hv_3
0b
This register is responsible for holding the
value to configure the test multiplexer. It
defines the channel (Table 28) that will select
as output for the test multiplexer.
6:6
hv_2
0b
5:5
hv_1
0b
4:4
hv_0
0b
3:3
Test_3
0b
2:2
Test_2
1b
1:1
Test_1
1b
0:0
Test_0
0b
(1) It is recommended to write value 0x0F which helps to stabilize VRef for the chip and reducing significantly line by line offset
noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com