Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS900 Datasheet(PDF) 11 Page - Clarke International

Part # JS900
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS900 Datasheet(HTML) 11 Page - Clarke International

Back Button JS900 Datasheet HTML 7Page - Clarke International JS900 Datasheet HTML 8Page - Clarke International JS900 Datasheet HTML 9Page - Clarke International JS900 Datasheet HTML 10Page - Clarke International JS900 Datasheet HTML 11Page - Clarke International JS900 Datasheet HTML 12Page - Clarke International JS900 Datasheet HTML 13Page - Clarke International JS900 Datasheet HTML 14Page - Clarke International JS900 Datasheet HTML 15Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MAINTENANCE
Always ensure the cables & clamps are in good condition and the clamps are
clean and corrosion free. If damaged they should be replaced. Keep the unit
clean by wiping with a dry cloth. DO NOT use solvents as a cleaning agent.
Keep the unit at HIGH or FULL CHARGE status at all times.
Always turn the jump-start OFF during storage and store in an upright position,
away from direct sunlight, moisture or sources of extreme heat or cold.
NEVER attempt any repair unless your are a qualified technician. Your Clarke
jump-start has been designed to give long and trouble free service. If,
however, having followed the instructions in this booklet carefully, you
encounter problems, take the unit to your local Clarke dealer.
CHANGING THE BATTERY
1. Unscrew and remove the self tapping screws securing the back cover. Lift
off the cover to expose the battery and other components.
2. Lift out the battery from the battery compartment, and detach the heavy
duty, and other cables, from the battery terminals.
3. Taking great care not to short across the battery terminals, connect the
RED heavy duty cable, and other cable with red sheath, to the battery
terminal painted RED, and the black cables to the other battery terminal.
4. Gently slide the new battery into position in its compartment, taking care
not to damage the printed circuit board.
5. Replace the back cover and secure with the self tapping screws.
CHANGING THE LIGHT BULB
1. Gently squeeze the sides of the lens bezel together, or very carefully use a
screwdriver to disengage the clips at each side & pull the lens & bezel out.
2. Unscrew and remove the burned out bulb and screw in a replacement.
3. Snap the lens and bezel back into place and replace the back cover.
Spare parts are available as follows
Part Number
1
Positive Battery Connection Lead
HT90001
2
Lamp Bezel
HT90003
3
Lamp Lens
HT90004
4
230 Volt Charger Assembly
HT90006
5
Negative Battery Lead
HT90002
6
Battery (12V/17AH)
HT90005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com