Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS900 Datasheet(PDF) 5 Page - Clarke International

Part # JS900
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS900 Datasheet(HTML) 5 Page - Clarke International

  JS900 Datasheet HTML 1Page - Clarke International JS900 Datasheet HTML 2Page - Clarke International JS900 Datasheet HTML 3Page - Clarke International JS900 Datasheet HTML 4Page - Clarke International JS900 Datasheet HTML 5Page - Clarke International JS900 Datasheet HTML 6Page - Clarke International JS900 Datasheet HTML 7Page - Clarke International JS900 Datasheet HTML 8Page - Clarke International JS900 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTIONS
This product is provided with a 13 amp, 230 volt (50Hz), charging adaptor for
connection to a standard, domestic electrical supply. Should the plug need
changing at any time, ensure that a plug of identical specification is used.
This product is of double insulated design. No earth conductor is
provided.
No earth conductor is provided. The two wires in the mains lead should be
wired up in accordance with the following colour code:
Blue
— Neutral
Brown
— Live
Connect the BROWN coloured cable to the plug terminal marked a letter “L”.
Connect the BLUE coloured cable to the plug terminal marked a letter “N”.
If the battery charger for this appliance is fitted with a plug which is moulded
on to the electric cable (i.e. non-rewireable) please note:
1. The plug must be thrown away if it is cut from the electric cable. There is a
danger of electric shock if it is subsequently inserted into a socket outlet.
2. Never use the plug without the fuse cover fitted.
3. Should you wish to replace the fuse cover, ensure that the correct
replacement is used (as indicated by marking or colour code).
4. Replacement fuse covers can be obtained from your local Clarke dealer
or most electrical stockists.
FUSE RATING
The fuse in the plug must be replaced with one of the same rating and this
replacement must be ASTA approved to BS1362.
If in any doubt, consult a qualified electrician. DO NOT attempt any electrical
repairs yourself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com