Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS900 Datasheet(PDF) 7 Page - Clarke International

Part # JS900
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS900 Datasheet(HTML) 7 Page - Clarke International

Back Button JS900 Datasheet HTML 3Page - Clarke International JS900 Datasheet HTML 4Page - Clarke International JS900 Datasheet HTML 5Page - Clarke International JS900 Datasheet HTML 6Page - Clarke International JS900 Datasheet HTML 7Page - Clarke International JS900 Datasheet HTML 8Page - Clarke International JS900 Datasheet HTML 9Page - Clarke International JS900 Datasheet HTML 10Page - Clarke International JS900 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INITIAL BATTERY CHARGING
1. Charge your jump-start battery before using it for the first time.
2. Recharge the jump-start battery after every occasion of use if possible,
and thereafter, at least every 30 days.
3. Always avoid leaving your jump-start in a discharged state.
FOLLOW THE ABOVE POINTS TO ENSURE MAXIMUM LIFE FROM THE BATTERY.
Two means of charging the battery are provided:
1. Via a 230V mains electricity
supply, using the mains adaptor,
as shown.
2. Via a 12V supply using the vehicle
cigar lighter adapter with cable
and plug provided.
NOTE: Using a 12V vehicle supply,
the battery will not charge to
maximum, but only to
approx. 50% of its capacity.
NOTE: A 5 amp fuse is fitted into the cigarette lighter plug adaptor,
accessed by unscrewing the end cap of the adaptor. Take care
not to loose the spring when unscrewing this cap.
CHARGING USING THE 230V MAINS ADAPTOR
1. Plug the cable into the socket in
the charger, then plug the
adaptor into the mains supply
and switch on.
• The red CHARGING light on the
jump-start will come on to
indicate charging is in progress.
2. Continue to charge until the RED
charging light goes out. It is
important to note that this could
take several days, dependant
upon the state of charge of the
battery.
• Pressing the ‘TEST’ button, with
the charger disconnected, will
REVERSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com