Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS900 Datasheet(PDF) 10 Page - Clarke International

Part # JS900
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS900 Datasheet(HTML) 10 Page - Clarke International

Back Button JS900 Datasheet HTML 6Page - Clarke International JS900 Datasheet HTML 7Page - Clarke International JS900 Datasheet HTML 8Page - Clarke International JS900 Datasheet HTML 9Page - Clarke International JS900 Datasheet HTML 10Page - Clarke International JS900 Datasheet HTML 11Page - Clarke International JS900 Datasheet HTML 12Page - Clarke International JS900 Datasheet HTML 13Page - Clarke International JS900 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
USING AS A 12VOLT POWER SUPPLY
The unit has a cigar lighter type socket located on the side of the casing (see
page 6), that allows connection via a standard DC connector to other DC
electrical equipment.
WARNING: Be aware that a fully charged 12V battery can have an output of
approx.13.5V. Consult the appliance handbook to ensure it is safe to operate
from a 12V battery.
The table below indicates the approx. operating time from a fully charged
battery.
ESTIMATED OPERATING PERIOD PROVIDED
USING THE AIR COMPRESSOR (JS910 MODEL ONLY)
For inflating tyres, attach the air hose to the tyre by pushing the connector
down firmly on the tyre adapter and locking in place by turning the connector
locking lever through 90 degrees.
Switch ON the compressor. The gauge will indicate the air pressure.
Three adapters are also provided which allow the compressor to be used for
inflating air beds, footballs etc. Select the appropriate adapter and push the
threaded end firmly into the air hose connector, locking it in place by turning
the connector locking lever through 90 degrees.
Estimated Use
Electrical Appliance
30 hours
Mobile phones
21 hours
Radios, fans
12 hours
Cam-corder, VCR, Spotlight
7 hours
Electrical tools, bilge pump
WARNING: DO NOT RUN THE COMPRESSOR FOR MORE THAN 10 MINUTES.
ALLOW A 10 MINUTE PERIOD TO ELAPSE BEFORE SWITCHING ON AGAIN.
CAUTION: THE AIR PRESSURE GAUGE ON THIS PRODUCT IS FOR
GUIDANCE ONLY. IT IS IMPORTANT THAT YOU CHECK YOUR TYRE
PRESSURE WITH A PRESSURE CERTIFIED GAUGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com