Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM261...ZCZ Datasheet(PDF) 81 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 81 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 77Page - Texas Instruments AM261...ZCZ Datasheet HTML 78Page - Texas Instruments AM261...ZCZ Datasheet HTML 79Page - Texas Instruments AM261...ZCZ Datasheet HTML 80Page - Texas Instruments AM261...ZCZ Datasheet HTML 81Page - Texas Instruments AM261...ZCZ Datasheet HTML 82Page - Texas Instruments AM261...ZCZ Datasheet HTML 83Page - Texas Instruments AM261...ZCZ Datasheet HTML 84Page - Texas Instruments AM261...ZCZ Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 218 page
background image
Table 5-71. UART5 Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
UART5_TXD
O
UART Transmit Data
B10, B15,
C14, P15, U3
A18, D10,
D17, W1,
W17
A9, B14, B16,
P1, T15
A17, U1, W16
5.3.23 USB0
Table 5-72. USB0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
USB0_DM
IO
USB 2.0 Differential Data (negative)
U3
W1
P1
U1
USB0_DP
IO
USB 2.0 Differential Data (positive)
V2
V1
R1
V1
USB0_DRVVBUS
O
USB VBUS control output (active
high)
B8, M2, P2
B10, M1, U2
B8, H1, P3
A10, J3, T1
5.3.24 XBAR
Table 5-73. Output XBAR Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
XBAROUT0
O
OUTPUTXBAR Signal 0
C11, R3
B13, T2
B11, M3
C13, R2
XBAROUT1
O
OUTPUTXBAR Signal 1
A11, C9
A13, D11
A12, B9
A12
XBAROUT2
O
OUTPUTXBAR Signal 2
A10, C10
A12, B12
A10, B10
B12
XBAROUT3
O
OUTPUTXBAR Signal 3
B10, B11
C12, D10
A11, A9
B11
XBAROUT4
O
OUTPUTXBAR Signal 4
A7, D9
A8, C9
A6, C11
A8
XBAROUT5
O
OUTPUTXBAR Signal 5
A6, A9
A11, B8
B6, C10
A11, B8
XBAROUT6
O
OUTPUTXBAR Signal 6
B9, G17
B11, K19
D8, F14
B10, G17
XBAROUT7
O
OUTPUTXBAR Signal 7
D7, K16
B9, L20
B7, G15
J19
XBAROUT8
O
OUTPUTXBAR Signal 8
C8, K17
A9, N17
A8, K14
M18
XBAROUT9
O
OUTPUTXBAR Signal 9
C7
C7
C8
C9
XBAROUT10
O
OUTPUTXBAR Signal 10
B7
D8
A7
A9
XBAROUT11
O
OUTPUTXBAR Signal 11
D16, K18
C20, N19
H14
B19, L19
XBAROUT12
O
OUTPUTXBAR Signal 12
C17, J18
D19, M18
G16
C17, K19
XBAROUT13
O
OUTPUTXBAR Signal 13
D15, J17
C18, M20
J14
B16, L17
XBAROUT14
O
OUTPUTXBAR Signal 14
C15, L17
C19, R19
K15
B17, N17
XBAROUT15
O
OUTPUTXBAR Signal 15
L18, P2
R20, U2
K16, P3
P19, T1
Table 5-74. External ADC Channel Select XBAR Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
ADC_EXTCH_XBAROUT0
O
External ADC Channel Select XBAR
Signal 0
C11, C13
A17, B13
A14, B11
A16, C13
ADC_EXTCH_XBAROUT1
O
External ADC Channel Select XBAR
Signal 1
A11, C14
A13, D17
A12, B14
A12
ADC_EXTCH_XBAROUT2
O
External ADC Channel Select XBAR
Signal 2
C10, C12
B12, C14
A10, C12
A14, B12
ADC_EXTCH_XBAROUT3
O
External ADC Channel Select XBAR
Signal 3
B11, D11
C12, D15
A11, B13
B11, B14
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com