Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM261...ZCZ Datasheet(PDF) 58 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 58 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 54Page - Texas Instruments AM261...ZCZ Datasheet HTML 55Page - Texas Instruments AM261...ZCZ Datasheet HTML 56Page - Texas Instruments AM261...ZCZ Datasheet HTML 57Page - Texas Instruments AM261...ZCZ Datasheet HTML 58Page - Texas Instruments AM261...ZCZ Datasheet HTML 59Page - Texas Instruments AM261...ZCZ Datasheet HTML 60Page - Texas Instruments AM261...ZCZ Datasheet HTML 61Page - Texas Instruments AM261...ZCZ Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 218 page
background image
Table 5-12. CPSW0 MII1 Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
MII1_RXD0
I
MII Receive Data 0
F18, U17
H20, Y18
D14, P14
G18, W17
MII1_RXD1
I
MII Receive Data 1
G16, T17
H19, W18
D16, P15
F18, V17
MII1_RXD2
I
MII Receive Data 2
E17, U18
H17, Y19
R16
E17, W18
MII1_RXD3
I
MII Receive Data 3
E18, T18
G20, W19
N14
F19, V18
MII1_TXD0
O
MII Transmit Data 0
B18, P16
F17, V18
N15
D18, U18
MII1_TXD1
O
MII Transmit Data 1
B17, P17
D20, V20
N16
C18, U19
MII1_TXD2
O
MII Transmit Data 2
D16, P18
C20, U19
L13
B19, R17
MII1_TXD3
O
MII Transmit Data 3
C17, N17
D19, T19
M15
C17, T18
Table 5-13. CPSW0 MII2 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
MII2_COL
I
MII Collision Detected
F17
J19
E15
MII2_CRS
I
MII Carrier Sense
G18
J20
E16
J18
MII2_RXCLK
I
MII Receive Clock
K15
N20
H15
L18
MII2_RXDV
I
MII Receive Data Valid
K16
L20
G15
J19
MII2_RX_ER
I
MII Receive Error
G17
K19
F14
G17
MII2_TXCLK
I
MII Transmit Clock
H18
M19
F16
K18
MII2_TX_EN
O
MII Transmit Enable
L16
P18
H16
M19
MII2_RXD0
I
MII Receive Data 0
K17
N17
K14
M18
MII2_RXD1
I
MII Receive Data 1
K18
N19
H14
L19
MII2_RXD2
I
MII Receive Data 2
J18
M18
G16
K19
MII2_RXD3
I
MII Receive Data 3
J17
M20
J14
L17
MII2_TXD0
O
MII Transmit Data 0
M16
P20
J15
N18
MII2_TXD1
O
MII Transmit Data 1
M15
P19
J16
N19
MII2_TXD2
O
MII Transmit Data 2
H17
K20
F15
H19
MII2_TXD3
O
MII Transmit Data 3
H16
L19
G14
H18
Table 5-14. MDIO0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
MDIO0_MDC
O
MDIO Clock
M17
T18
L14
R19
MDIO0_MDIO
IO
MDIO Data
N16
R17
L16
P18
5.3.5 CPTS
Table 5-15. CPTS0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit
Output
A16
A19
C16
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
58
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com