| Electronic Components Datasheet Search |
|
AM261...ZCZ Datasheet(PDF) 74 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZ Datasheet(HTML) 74 Page - Texas Instruments |
|
74 / 218 page ![]() Table 5-46. PRU-ICSS GPIO Signal Descriptions (continued) Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] PR1_PRU0_GPIO5 IO PRU0 General Purpose Input/Output B2 B3 A4 B5 PR1_PRU0_GPIO6 IO PRU0 General Purpose Input/Output D3 A2 B4 A5 PR1_PRU0_GPIO7 IO PRU0 General Purpose Input/Output B16, B7, C1 B19, B2, D8 A2, A7, C15 A9, B4 PR1_PRU0_GPIO8 IO PRU0 General Purpose Input/Output B1 C3 A5 A6 PR1_PRU0_GPIO9 IO PRU0 General Purpose Input/Output A11, B4, F17, K3 A13, A5, J19, M2 A12, E15, G1 A12, J1 PR1_PRU0_GPIO10 IO PRU0 General Purpose Input/Output A16, B5 A19, B6 C16 PR1_PRU0_GPIO11 IO PRU0 General Purpose Input/Output E3 C2 C4 B2 PR1_PRU0_GPIO12 IO PRU0 General Purpose Input/Output D1 D2 B1 B1 PR1_PRU0_GPIO13 IO PRU0 General Purpose Input/Output E4 D1 C1 B3 PR1_PRU0_GPIO14 IO PRU0 General Purpose Input/Output F2 E2 C2 C2 PR1_PRU0_GPIO15 IO PRU0 General Purpose Input/Output E2 C1 B2 A2 PR1_PRU0_GPIO16 IO PRU0 General Purpose Input/Output C1 B2 A2 B4 PR1_PRU0_GPIO17 IO PRU0 General Purpose Input/Output C7, D7 B9, C7 B7, C8 C9 PR1_PRU0_GPIO18 IO PRU0 General Purpose Input/Output C8 A9 A8 PR1_PRU0_GPIO19 IO PRU0 General Purpose Input/Output A14 B16 C13 A15 PR1_PRU0_GPIO20 IO PRU1 General Purpose Input/Output C12 C14 C12 A14 PR1_PRU1_GPIO0 IO PRU1 General Purpose Input/Output V17 W16 R14 V15 PR1_PRU1_GPIO1 IO PRU1 General Purpose Input/Output T16 Y16 T14 W15 PR1_PRU1_GPIO2 IO PRU1 General Purpose Input/Output P15 W17 T15 W16 PR1_PRU1_GPIO3 IO PRU1 General Purpose Input/Output A10, F1 A12, G1 B10, D1 D1 PR1_PRU1_GPIO4 IO PRU1 General Purpose Input/Output C9, F4 D11, G2 B9, D2 D2 PR1_PRU1_GPIO5 IO PRU1 General Purpose Input/Output G2 E1 D3 C1 PR1_PRU1_GPIO6 IO PRU1 General Purpose Input/Output A9, F3 A11, F1 C10, F4 A11, E2 PR1_PRU1_GPIO7 IO PRU1 General Purpose Input/Output D11 D15 B13 B14 PR1_PRU1_GPIO8 IO PRU1 General Purpose Input/Output B9, E1 B11, F2 D8, E3 B10, E3 PR1_PRU1_GPIO9 IO PRU1 General Purpose Input/Output R16 Y17 R15 V16 PR1_PRU1_GPIO10 IO PRU1 General Purpose Input/Output D14 C16 A15 PR1_PRU1_GPIO11 IO PRU1 General Purpose Input/Output N1 R2 M2 N2 PR1_PRU1_GPIO12 IO PRU1 General Purpose Input/Output N4 R1 N1 N1 PR1_PRU1_GPIO13 IO PRU1 General Purpose Input/Output D13 B17 C14 PR1_PRU1_GPIO14 IO PRU1 General Purpose Input/Output A15 B18 B15 PR1_PRU1_GPIO15 IO PRU1 General Purpose Input/Output D9, H2 C9, H1 C11, E1 F1 PR1_PRU1_GPIO16 IO PRU1 General Purpose Input/Output B10, G3 D10, H2 A9, E2 E1 PR1_PRU1_GPIO17 IO PRU1 General Purpose Input/Output C14 D17 B14 PR1_PRU1_GPIO18 IO PRU1 General Purpose Input/Output B14 A16 D13 B15 PR1_PRU1_GPIO19 IO PRU1 General Purpose Input/Output C7 C7 C8 C9 Table 5-47. PRU-ICSS IEP Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] PR0_IEP0_EDC_SYNC_OU T0 O PRU-ICSS Industrial Ethernet Distributed Clock Sync Output D15 C18 B16 AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 74 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |