Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPLD2001DGSR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPLD2001DGSR
Description  TPLD2001 Programmable Logic Device with 18-GPIO and Selectable I2C/SPI
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPLD2001DGSR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPLD2001DGSR Datasheet HTML 9Page - Texas Instruments TPLD2001DGSR Datasheet HTML 10Page - Texas Instruments TPLD2001DGSR Datasheet HTML 11Page - Texas Instruments TPLD2001DGSR Datasheet HTML 12Page - Texas Instruments TPLD2001DGSR Datasheet HTML 13Page - Texas Instruments TPLD2001DGSR Datasheet HTML 14Page - Texas Instruments TPLD2001DGSR Datasheet HTML 15Page - Texas Instruments TPLD2001DGSR Datasheet HTML 16Page - Texas Instruments TPLD2001DGSR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 234 page
background image
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC = 1.8V ± 0.09V
VCC = 3.3V ± 0.3V
VCC = 5V ± 0.5V
UNIT
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
ICC
Standby
Inputs = static,
Outputs = open,
IO = 0,
OSC powered off,
ACMP powered off
1.38
1.41
1.43
µA
ICC
Standby, Bandgap enabled
Bandgap force on
3.46
3.49
3.52
µA
Oscillator
ICC
OSC0 enabled: 2kHz
Predivide = 1
0.62
0.71
1.11
µA
Predivide = 2
0.62
0.71
1.07
Predivide = 4
0.62
0.71
1.04
Predivide = 8
0.62
0.71
1.08
ICC
OSC1 enabled: 2MHz
Predivide = 1
31.4
34.4
42.7
µA
Predivide = 2
28.4
31.5
39.8
Predivide = 4
26.5
29.5
37.9
Predivide = 8
25.4
28.5
36.9
ICC
OSC2 enabled: 25MHz
Predivide = 1
317.5
319.1
319.8
µA
Predivide = 2
260.2
261.4
261.9
Predivide = 4
227.3
228.3
228.7
Predivide = 8
210.7
211.6
212
ICC
OSC2 enabled: 25MHz
Normal startup,
OSC output idle
15.0
15.7
18.2
µA
ICC
OSC2 enabled: 25MHz
Fast startup enabled,
OSC output idle
21.0
21.8
23.6
µA
Analog Comparator - Discrete Analog Comparator
ICC
Discrete analog comparator
(ACMP)
External VREF (32mV),
IN+ = 0V,
Low bandwidth mode
disabled
3.57
3.67
3.75
µA
External VREF (32mV),
IN+ = VCC,
Low bandwidth mode
disabled
4.22
4.33
4.44
External VREF (32mV),
IN+ = 0V,
Low bandwidth mode
enabled
0.86
0.86
0.86
External VREF (32mV),
IN+ = VCC,
Low bandwidth mode
enabled
0.86
0.87
0.87
Analog Comparator - Multi-channel Analog Comparator
www.ti.com
TPLD2001
SCPS286A – JULY 2025 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPLD2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com