Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPLD2001DGSR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPLD2001DGSR
Description  TPLD2001 Programmable Logic Device with 18-GPIO and Selectable I2C/SPI
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPLD2001DGSR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPLD2001DGSR Datasheet HTML 18Page - Texas Instruments TPLD2001DGSR Datasheet HTML 19Page - Texas Instruments TPLD2001DGSR Datasheet HTML 20Page - Texas Instruments TPLD2001DGSR Datasheet HTML 21Page - Texas Instruments TPLD2001DGSR Datasheet HTML 22Page - Texas Instruments TPLD2001DGSR Datasheet HTML 23Page - Texas Instruments TPLD2001DGSR Datasheet HTML 24Page - Texas Instruments TPLD2001DGSR Datasheet HTML 25Page - Texas Instruments TPLD2001DGSR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 234 page
background image
7 Parameter Measurement Information
Start or
Repeat
Start
Condition
Repeat
Start
Condition
Stop
Condition
tbuf
ticf
ticf
ticr
tscl
tsch
tsds
tsdh
tsp
tPHL
tPLH
tsps
tsts
SCL
SDA
0.7 x VCC
0.3 x VCC
0.7 x VCC
0.3 x VCC
DUT
CL = 50 pF
(see Note A)
VCC
RL = 1 NŸ
SDA
VOLTAGE WAVEFORMS
Three Bytes for Complete
Device Programming
SDA LOAD CONFIGURATION
Stop
Condition
(P)
Start
Condition
(S)
Address
Bit 7
(MSB)
Address
Bit 6
Address
Bit 1
R/W
Bit 0
(LSB)
ACK
(A)
Data
Bit 7
(MSB)
Data
Bit 0
(LSB)
Stop
Condition
(P)
A.
CL include probe and jig capacitance.
B.
All inputs are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
All parameters and waveforms are not applicable to all devices.
Figure 7-1. I2C Interface Load Circuit and Voltage Waveforms
TPLD2001
SCPS286A – JULY 2025 – REVISED FEBRUARY 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPLD2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com