Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPLD2001DGSR Datasheet(PDF) 72 Page - Texas Instruments

Part # TPLD2001DGSR
Description  TPLD2001 Programmable Logic Device with 18-GPIO and Selectable I2C/SPI
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPLD2001DGSR Datasheet(HTML) 72 Page - Texas Instruments

Back Button TPLD2001DGSR Datasheet HTML 68Page - Texas Instruments TPLD2001DGSR Datasheet HTML 69Page - Texas Instruments TPLD2001DGSR Datasheet HTML 70Page - Texas Instruments TPLD2001DGSR Datasheet HTML 71Page - Texas Instruments TPLD2001DGSR Datasheet HTML 72Page - Texas Instruments TPLD2001DGSR Datasheet HTML 73Page - Texas Instruments TPLD2001DGSR Datasheet HTML 74Page - Texas Instruments TPLD2001DGSR Datasheet HTML 75Page - Texas Instruments TPLD2001DGSR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 234 page
background image
GAIN SEL
0.5x
0.33x
0.25x
00h~3Eh
3Fh
Internal
VREF
VREF AIO
IN- SEL
HYS
0
3
VREF/HYS
settings per CH
2
6
2
+
–
0
3
GAIN
SEL
McACMP IN0
McACMP IN1
IN-
SEL
ACMP
VCC
CMX_IN
McACMP IN2
McACMP IN3
Temp. sensor
0
1
0
1
SAMPLING ENGINE
CLK
0
3
OSC1/20
OSC1/40
OSC0
OSC0/2
PUP
No. of channels
EN trigger
ACMP mode
VREF/
HYS
PWR UP
CH
OUTPUT
LATCHES
CH RST EN
RST
CMX_OUT
CFG
CMX_IN
CMX_IN
CMX_IN
DATA
RDY
CMX_IN
SYNC
mode
CFG
CFG
CFG
CFG
CMX_OUT
2
2
+
–
+
–
0
3
GAIN
SEL
GAIN
SEL
ACMP IN0
ACMP IN1
IN-
SEL
IN-
SEL
ACMP1
ACMP0
CFG
CFG
CMX_OUT
CMX_IN
CMX_IN
+
–
GAIN
SEL
IN-
SEL
ACMP2
CFG
CMX_OUT
CMX_IN
+
–
GAIN
SEL
IN-
SEL
ACMP3
CFG
CMX_OUT
CMX_IN
0
3
0
3
0
3
ACMP IN2
ACMP IN3
CMX_OUT
CMX_IN
CMX_IN
CMX_IN
CMX_IN
PUP
PUP
PUP
PUP
PUP
Figure 8-43. Analog Comparators Block Diagram
TPLD2001
SCPS286A – JULY 2025 – REVISED FEBRUARY 2026
www.ti.com
72
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPLD2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com