Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL460 Datasheet(PDF) 26 Page - Microchip Technology

Part # PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Datasheet(HTML) 26 Page - Microchip Technology

Back Button PL460 Datasheet HTML 22Page - Microchip Technology PL460 Datasheet HTML 23Page - Microchip Technology PL460 Datasheet HTML 24Page - Microchip Technology PL460 Datasheet HTML 25Page - Microchip Technology PL460 Datasheet HTML 26Page - Microchip Technology PL460 Datasheet HTML 27Page - Microchip Technology PL460 Datasheet HTML 28Page - Microchip Technology PL460 Datasheet HTML 29Page - Microchip Technology PL460 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
PL460
Serial Peripheral Interface (SPI)
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 26
8.
Serial Peripheral Interface (SPI)
8.1.
Description
The SPI circuit is a synchronous serial data link that provides communication with external devices
in client mode. The Serial Peripheral Interface is essentially a Shift register that serially transmits
data bits to a host SPI device. During a data transfer, SPI host controls the data flow, while the client
device has data shifted in and out by the host.
The SPI system consists of the following two data lines and two control lines:
• MOSI (host out client in): This data line supplies the output data from the host shifted into the
inputs of the clients.
• MISO (host in client out): This data line supplies the output data from a client to the input of the
host. There may be no more than one client transmitting data during any particular transfer.
• SCK (Serial Clock): This control line is driven by the host and regulates the flow of the data bits.
The host can transmit data at a variety of baud rates; there is one SCK pulse for each bit that is
transmitted.
• CS (Peripheral Chip Select): This control line allows clients to be turned on and off by hardware.
8.2.
Embedded Characteristics
• Client Serial Peripheral Bus Interface
– 8-bit to 16-bit data length
• Client Mode Operates on SCK, Asynchronously with Core and Bus Clock
8.3.
Signal Description
The pins used for interfacing the compliant external devices are multiplexed with PIO lines.
Table 8-1. I/O Lines
Signal
Pin Description
Client
I/O Line
MISO
Host In Client Out
Output
F9
MOSI
Host Out Client In
Input
G9
CS
Peripheral Chip Select/Client Select
Input
G8
SCK
Serial Clock
Input
H9
8.4.
Functional Description
8.4.1.
Data Transfer
Four combinations of polarity and phase are available for data transfers. Consequently, a host/client
pair must use the same parameter pair values to communicate.
The table below shows the four modes and corresponding parameter settings.
Table 8-2. SPI Bus Protocol Modes
SPI Mode
Shift SCK Edge
Capture SCK Edge
SCK Inactive Level
0
Falling
Rising
Low
1
Rising
Falling
Low
2
Rising
Falling
High
3
Falling
Rising
High
The figures below show examples of data transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com