Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL460 Datasheet (PDF) - Microchip Technology

PL460 Datasheet PDF - Microchip Technology
Part # PL460
Download  PL460 Download
File Size   1982.51 Kbytes
Page   48 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description programmable modem designed for narrow-band Power Line Communication (PLC)

PL460 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL460 Datasheet PDF - Microchip Technology

Part # PL460
Download  PL460 Click to download

File Size   1982.51 Kbytes
Page   48 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description programmable modem designed for narrow-band Power Line Communication (PLC)

PL460 Datasheet (HTML) - Microchip Technology


PL460 Product details

Description
The PL460 is a programmable modem designed for narrow-band Power Line Communication (PLC). It can
operate with any PLC protocol within the frequency band below 500 kHz. The PL460 embeds the PLC line driver,
providing a highly integrated solution that reduces the total bill of materials, simplifies the layout, and eases the
modem design.
This device has been designed to comply with FCC, ARIB, KN60, and CENELEC EN 50065 regulations matching
requirements of the Internet of Things (IoT) and Smart Energy applications. It supports state-of-the-art narrowband
PLC standards, such as G3-PLC, PRIME, and Meters and More, as well as any other narrowband PLC
protocols, simultaneously being a future-proof platform able to support the evolution of these standards.
The PL460 is designed to be driven by external Microchip host devices. Therefore, providing an additional level
of flexibility on the host side. The Microchip host device loads the proper PLC-protocol firmware in the PL460
before modem operation and controls the PL460 modem.
Features
The following are key features of the PL460 modem:
• Programmable Narrow-Band Power Line Communication (PLC) Modem
• Embedded PLC Class-D Amplifier
• Integrated PLC Front End:
– PGA with automatic gain control and ADC
– Digital transmission level control
– Supports two independent transmission branches for the PLC signal
– Up to 500 kHz PLC signal bandwidth
• Architecture:
– High-performance architecture combining CPU, specific co-processors for digital signal processing and
dedicated hardware accelerators for common narrow-band PLC tasks
• Cryptographic Engine and Secure Boot:
– Secure boot: supports AES-128 CMAC for authentication, AES-128 CBC for decryption
– Fuse programming control for decryption and authentication 128-bit keys
• Clock Management:
– 24 MHz external crystal for system clock
• Power Management:
– 3.3V external supply voltage for I/O, digital and analog
– 1.25V internal voltage regulator for the core
– 12V external supply for the PLC amplifier
– Optimized power modes for specific operation profiles, including Low-Power mode
• Package: Available in TFBGA-81, 10 mm x 10 mm, 1.0 mm pitch
• Temperature Range: Industrial (-40ºC to +85ºC)




Similar Part No. - PL460

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PL4 DBLECTRO-PL4 Datasheet
369Kb / 2P
Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
List of Unclassifed Man...
PL40 ETC1-PL40 Datasheet
118Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
PL40 EDI-PL40 Datasheet
37Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
logo
SICK AG
PL40A SICK-PL40A Datasheet
337Kb / 4P
Reflectors and optics
2017-05-12 23:13:09
logo
Lumins Inc.
PL40P LUMINIS-PL40P Datasheet
189Kb / 2P
Post top quad mount
More results


Similar Description - PL460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1571 INTERSIL-ISL1571 Datasheet
37Kb / 2P
Power Line Communication PLC
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
Power Line Communication PLC
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
Power Line Communication Modem
August, 2015 ??Rev. P3
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
Power Line Communication Modem
January, 2017 ??Rev. P5
logo
Renesas Technology Corp
ISL1572 RENESAS-ISL1572 Datasheet
181Kb / 2P
Power Line Communication (PLC)
logo
STMicroelectronics
ST8500 STMICROELECTRONICS-ST8500 Datasheet
1Mb / 37P
Programmable power line communication modem System on Chip
19-Jun-2018
logo
Renesas Technology Corp
ISL1571 RENESAS-ISL1571 Datasheet
624Kb / 14P
Power Line Communication (PLC)
Nov.7.19
logo
Microchip Technology
PL485 MICROCHIP-PL485 Datasheet
742Kb / 22P
Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
03/2020 Rev B
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com