Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL460 Datasheet(PDF) 20 Page - Microchip Technology

Part # PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PL460 Datasheet HTML 16Page - Microchip Technology PL460 Datasheet HTML 17Page - Microchip Technology PL460 Datasheet HTML 18Page - Microchip Technology PL460 Datasheet HTML 19Page - Microchip Technology PL460 Datasheet HTML 20Page - Microchip Technology PL460 Datasheet HTML 21Page - Microchip Technology PL460 Datasheet HTML 22Page - Microchip Technology PL460 Datasheet HTML 23Page - Microchip Technology PL460 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
PL460
Bootloader
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 20
Functional Description (continued)
Command Description
addr(31:0)
data(n*32-1:0)
0xA66A Control of MISO signal transferred to M7-SPI and Bootloader clock
disabled
0x00000000
0x00000000
0xDE05 Unblock bootloader
0x00000000
0xDDDDDDDD (Note 2)
Notes: 
1. ‘AA’ is an address byte.
2. ‘DD’ is a data byte.
3. Command contains as many bytes as needed to send.
4. Command contains as many ‘00’s as bytes wanted to be read.
The figure below shows the structure of the registers and data transfers for fuses and their control
logic.
7.4.1.
Unlock, Load Program and Start Loaded Program
After Reset, the bootloader is locked and the host must send the following two frames as a
password to unlock the bootloader.
Order
Address
Command
Data
1
0x00000000
0xDE05
0x5345ACBA
2
0x00000000
0xDE05
0xACBA5345
At this point, the host sends commands to the bootloader and it can start loading the program to
the PL460. The program must be loaded starting with address 0x00000000.
After loading the program, it must be started. Starting the loaded program requires clearing the
CPUWAIT bit of the MSSC Miscellaneous register (address 0x400E1800) and transferring control of
the MISO signal to the M7-SPI peripheral.
Order
Address
Command
Data
1
0x400E1800
0x0000
0x00000000
2
0x00000000
0xA66A
0x00000000
If this action is not done, the MISO signal will remain controlled by the bootloader.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com