Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI035P04PT Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # DI035P04PT
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DI035P04PT Datasheet(HTML) 3 Page - Diotec Semiconductor

  DI035P04PT Datasheet HTML 1Page - Diotec Semiconductor DI035P04PT Datasheet HTML 2Page - Diotec Semiconductor DI035P04PT Datasheet HTML 3Page - Diotec Semiconductor DI035P04PT Datasheet HTML 4Page - Diotec Semiconductor DI035P04PT Datasheet HTML 5Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DI035P04PT
Characteristics (diode)
Kennwerte (Diode)
Tj = 25°C
Min.
Typ.
Max.
Forward voltage – Durchlass-Spannung
- VGS = 0 V
- IS = 1 A
- VSD
–
–
1.2 V
Reverse recovery time – Sperrverzugszeit
- IS = 10 A,
- di/dt = -100 A/µs
trr
–
15 ns
–
Reverse recovery charge – Sperrverzugsladung
- IS = 10 A,
- di/dt = -100 A/µs
Qrr
–
9 nC
–
Characteristics (thermal)
Kennwerte (thermisch)
Min.
Typ.
Max.
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
–
–
5 K/W 1)
Thermal resistance junction to Ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
–
–
50 K/W 2)
Dimensions - Maße [mm]
1
Measured towards heat sink area (Drain) – Gemessen zur Kühlfläche (Drain)
2
Mounted on P.C. board with 6.45 cm2 copper pad per terminal
Montage auf Leiterplatte mit 6,45 cm2 Kupferbelag je Anschluss
©
http://www.diotec.com/
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com