Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI035P04PT Datasheet(PDF) 4 Page - Diotec Semiconductor

Part # DI035P04PT
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DI035P04PT Datasheet(HTML) 4 Page - Diotec Semiconductor

  DI035P04PT Datasheet HTML 1Page - Diotec Semiconductor DI035P04PT Datasheet HTML 2Page - Diotec Semiconductor DI035P04PT Datasheet HTML 3Page - Diotec Semiconductor DI035P04PT Datasheet HTML 4Page - Diotec Semiconductor DI035P04PT Datasheet HTML 5Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DI035P04PT
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
4
http://www.diotec.com/
©
Relative transient thermal impedance vs. pulse duration (typical)
Relativer transienter Wärmewiderstand über Impulsdauer (typisch)
Z
thC
10
[s]
10
10
10
10
[t ]
1
-5
-4
-3
-2
-1
p
10
-1
1
10
-2
0.3
0.5
0
t
T
p
D = t /T
p
0.1
0.01
D
0
0.05
V = -10V
GS
I = -10A
D
Normalized On Resistance (a) vs Tj
Normierter Einschaltwiderstand (a) über Tj
a
[°C]
T
j
100
50
25
-25
75
175
1.8
2.0
1.6
1.4
1.2
1.0
V = -4.5V
GS
I = -8A
D
10
3
102
10
1
10-1
[A]
I
S
Source-Drain diode characteristics (typical values)
Kennlinie der Source-Drain Diode (typische Werte)
0.4
V
SD
0.8
1.0
1.2
1.4
[V] 1.8
T = 25 °C
j
T = 12 5°C
j
V = 0V
GS
0.1
[V]
-V
DS
T = 25 °C
C
Safe operating area for single pulses
Sicherer Arbeitsbereich für Einzelpulse
T = 1 75 °C
j
1
10
100
0.1
10
DC
1 m s
10 0 µs
t = 1 0µs
p
R
lim it
D S (o n)
-I
D
[A]
102
1
1 0m s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com