Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99CL01XP Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99CL01XP
Description  8 channel high-side LED driver for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99CL01XP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99CL01XP Datasheet HTML 17Page - STMicroelectronics L99CL01XP Datasheet HTML 18Page - STMicroelectronics L99CL01XP Datasheet HTML 19Page - STMicroelectronics L99CL01XP Datasheet HTML 20Page - STMicroelectronics L99CL01XP Datasheet HTML 21Page - STMicroelectronics L99CL01XP Datasheet HTML 22Page - STMicroelectronics L99CL01XP Datasheet HTML 23Page - STMicroelectronics L99CL01XP Datasheet HTML 24Page - STMicroelectronics L99CL01XP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
DocID023902 Rev 4
21/60
L99CL01XP
SPI interface
Initialization Register
Address:
Base address + 0x00h
Type:
R, R/W
Reset:
0x0001h
Note:
Writing all [0] to this register will generate a SPI fail (stuck @ ‘0’).
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Address
WD
MUX2 MUX1 MUX0 SOA3
SOA2
SOA1
SOA0
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 15:12 Address
Bit 11 WD: Watchdog toggle bit (75ms, start with [0] after Reset, toggled with every SPI
access)
Bit 10 NOCLEAR: With this bit set to:
0: every read access clears the read out status bits
1: any reported status from the read and clear flags are not cleared by a read
The clear of the read and clear flags will be re-enabled by writing a [0] to this bit.
Bit 9 READRAM: With this bit set to:
0: the addressed status data register (see Section 3.1.4: SDO (serial data output)) is
sent back via SDO
1: the addressed control data register is sent back via SDO. This is to verify the written
data in the device.
Note:
The read back of the Status Data Registers will be re-enabled by
writing a [0] to this bit.
Bit 8 PWMsync: internal PWM counter reset. Writing a ‘1’ to this Register will reset the
internal PWM counter after valid SPI command and CSN high. This bit is automatically
reset after synchronization.
Bit 7 MUXEN: Enable current sense output and the OUT voltage level comparator
0: CS pin disabled / OUT voltage comparator disabled (default)
1: CS pin enable / OUT voltage comparator enabled (see MUX[2:0]) setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com