Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99CL01XP Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99CL01XP
Description  8 channel high-side LED driver for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99CL01XP Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99CL01XP Datasheet HTML 41Page - STMicroelectronics L99CL01XP Datasheet HTML 42Page - STMicroelectronics L99CL01XP Datasheet HTML 43Page - STMicroelectronics L99CL01XP Datasheet HTML 44Page - STMicroelectronics L99CL01XP Datasheet HTML 45Page - STMicroelectronics L99CL01XP Datasheet HTML 46Page - STMicroelectronics L99CL01XP Datasheet HTML 47Page - STMicroelectronics L99CL01XP Datasheet HTML 48Page - STMicroelectronics L99CL01XP Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
DocID023902 Rev 4
45/60
L99CL01XP
Electrical specifications
4
Electrical specifications
4.1
Absolute maximum rating
Stressing the device above the rating listed in Table 18 may cause permanent damage to
the device. These are stress ratings only and operation of the device at these or any other
condition above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Table 18. Absolute maximum rating
Symbol
Parameter
Test condition
Value
Unit
VSA, VSB,
VSC, VSD
Supply voltage range for channel
couples A, B, C and D
Short circuit; single pulse;
Tj = 25°C
(1)
6 to 24
V
Short circuit; repetitive pulse;
-40°C < Tj <150°C
(1)
6 to 20
V
load dump (400 ms)
40
V
VSREV
reverse polarity voltage range(2)
-24
V
VIO
logic input voltage range
-0.3 to VDD+0.3
V
Iin clamp
input clamping current
Maximum value of each pin
5
mA
VOUT
Output voltage range
-1.5 to VS+0.3
V
VCLAMP_high
OUTx, INx, LIMP, CSN, ENABLE, VS,
VSA, VSB, VSC, VSD
42
V
VCLAMP_low
SDO, SDI, SCK, PWMCLK, CS, VDD,
REXT
7V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
VESD
Electrostatic discharge (Human Body
Model, 100pF/1,5k)
VS(3), GND, OUT1 ~ OUT8
±4
kV
All other pins
±2
kV
Charge device model (CDM-AEC-
Q100-011)
1000
V
1.
Also valid for VSA, VSB, VSC, VSD < 6 V
2.
Valid for VS.
3.
Valid for VSA, VSB, VSC, VSD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com