Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99CL01XP Datasheet(PDF) 47 Page - STMicroelectronics

Part # L99CL01XP
Description  8 channel high-side LED driver for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99CL01XP Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L99CL01XP Datasheet HTML 43Page - STMicroelectronics L99CL01XP Datasheet HTML 44Page - STMicroelectronics L99CL01XP Datasheet HTML 45Page - STMicroelectronics L99CL01XP Datasheet HTML 46Page - STMicroelectronics L99CL01XP Datasheet HTML 47Page - STMicroelectronics L99CL01XP Datasheet HTML 48Page - STMicroelectronics L99CL01XP Datasheet HTML 49Page - STMicroelectronics L99CL01XP Datasheet HTML 50Page - STMicroelectronics L99CL01XP Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
DocID023902 Rev 4
47/60
L99CL01XP
Electrical specifications
4.3
Electrical characteristics
VS = 6 V to 24 V, VDD = 4.5 V to 5.5 V, Tj = -40°C to 150°C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
Table 22. Electrical characteristics (logic + inputs)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
VDD
Digital I/O supply voltage range
3.0
5.5
V
VDDUV
Digital I/O supply undervoltage
threshold at Tj = 25°C
2.0
2.5
3.0
V
VDDUVHyst
Digital I/O supply undervoltage
threshold hysteresis at Tj =
25°C
0.4
V
IDD
Supply current in ON-state from
VDD
500
µA
IQDD
Standby current consumption
from VDD at Tj = 25°C
5µA
VSUV
Battery supply under voltage
flag at Tj = 25°C
(1)
5.0
5.5
6.0
V
VSUVHyst
Battery supply undervoltage flag
hysteresis at Tj = 25°C
0.4
V
VSOV
Battery supply overvoltage flag
30
32
34
V
VSOVHyst
Battery supply overvoltage flag
hysteresis
11.5
2
V
IS
Supply current in ON-state from
VS at VS =12 V
IOUTx =0A
10
mA
IQS
Standby current consumption
from VS at Tj = 25°C, VS =12V
5µA
VVDDH
Logic input high level(2)
All digital inputs
connected to VDD
0.56
VDD
0.66
VDD
0.76
VDD
V
Logic input high level(3)
All digital inputs
connected to VDD
0.52
VDD
0.58
VDD
0.64
VDD
V
VVDDHyst
Input hysteresis(4)
All digital inputs
connected to VDD
0.16
VDD
0.22
VDD
0.26
VDD
V
VintH
Logic input high level(5)
All digital inputs
connected to internal 5V
1.4
1.7
2.0
V
VintHyst
Logic input hysteresis(5)
All digital inputs
connected to internal 5V
0.4
0.6
0.8
V
IL(off)
Off-state output current at
VS =VSx =12V
Channel OFF;
VOUT =0V
1µA
VOL
Output low voltage(6)
Iout = 5mA
0.5
V
VOH
Output high voltage(6)
Iout = -5mA
VDD –
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com