Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL6002IST Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSL6002IST
Description  Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL6002IST Datasheet(HTML) 1 Page - STMicroelectronics

  TSL6002IST Datasheet HTML 1Page - STMicroelectronics TSL6002IST Datasheet HTML 2Page - STMicroelectronics TSL6002IST Datasheet HTML 3Page - STMicroelectronics TSL6002IST Datasheet HTML 4Page - STMicroelectronics TSL6002IST Datasheet HTML 5Page - STMicroelectronics TSL6002IST Datasheet HTML 6Page - STMicroelectronics TSL6002IST Datasheet HTML 7Page - STMicroelectronics TSL6002IST Datasheet HTML 8Page - STMicroelectronics TSL6002IST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
•
Gain bandwidth product 1 MHz, unity gain stable
•
Rail-to-rail input and output
•
Wide supply voltage range: 1.8 V to 5.5 V
•
Input offset voltage: 4.5 mV
•
Low input bias current: 1 pA typ.
•
Extended temperature range: -40 °C to +125 °C
•
Automotive grade versions available
Applications
•
Cost-sensitive applications
•
Battery-powered products
•
Automotive applications
Description
The TSL6001, TSL6002 and the TSL6004 are single, dual and quad 1 MHz-
bandwidth unity-gain-stable amplifiers. The rail-to-rail input stage and the wide supply
range from 1.8 V to 5.5 V make the TSL600x ideal for low voltage signal conditioning.
Product status link
SC70-5
TSL6001
SOT23-5
MiniSO8
TSL6002
SO8
TSSOP14
TSL6004
Related products
High bandwidth 50 MHz
TSL640x
Nanopower 600 nA
TSL6801
High accuracy
TSL6901
Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
TSL6001, TSL6002, TSL6004
Datasheet
DS13728 - Rev 3 - May 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSL6002IST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSL6201 STMICROELECTRONICS-TSL6201 Datasheet
1Mb / 19P
High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp
07-Apr-2025
TSL6201ILT STMICROELECTRONICS-TSL6201ILT Datasheet
1Mb / 19P
High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp
07-Apr-2025
TSL6201IYLT STMICROELECTRONICS-TSL6201IYLT Datasheet
1Mb / 19P
High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp
07-Apr-2025
TSL6202IST STMICROELECTRONICS-TSL6202IST Datasheet
1Mb / 19P
High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp
07-Apr-2025
TSL6202IYST STMICROELECTRONICS-TSL6202IYST Datasheet
1Mb / 19P
High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp
07-Apr-2025
More results

Similar Description - TSL6002IST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
450 UA, 5 MHz Rail-to-Rail Op Amp
2004
logo
Texas Instruments
TLV9101 TI1-TLV9101_V01 Datasheet
2Mb / 50P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V02 Datasheet
3Mb / 58P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V03 Datasheet
4Mb / 64P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V04 Datasheet
4Mb / 66P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V05 Datasheet
4Mb / 66P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V06 Datasheet
5Mb / 74P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V07 Datasheet
5Mb / 76P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V08 Datasheet
5Mb / 79P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V09 Datasheet
6Mb / 81P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com