Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL6002IST Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSL6002IST
Description  Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL6002IST Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSL6002IST Datasheet HTML 2Page - STMicroelectronics TSL6002IST Datasheet HTML 3Page - STMicroelectronics TSL6002IST Datasheet HTML 4Page - STMicroelectronics TSL6002IST Datasheet HTML 5Page - STMicroelectronics TSL6002IST Datasheet HTML 6Page - STMicroelectronics TSL6002IST Datasheet HTML 7Page - STMicroelectronics TSL6002IST Datasheet HTML 8Page - STMicroelectronics TSL6002IST Datasheet HTML 9Page - STMicroelectronics TSL6002IST Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
3
Electrical characteristics
Table 6. Electrical characteristics at VCC = 2 V to 5 V, VICM = VOUT = VCC / 2, T = 25 °C and OUT connected to VCC / 2
through RL = 10 kΩ (unless otherwise specified).
Production screening at VCC = 5 V, operation on the full supply range ensured by design and characterization.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
1.8 V to 5 V
± 0.75 ± 4.5
mV
DVio/DT
Input offset voltage temperature drift
-40 °C ≤ T ≤ 125 °C
2
µV/°C
Iib
Input bias current
1
pA
Iio
Input offset current
1
pA
AVD
Open loop gain
VCC-+500 mV ≤ VOUT ≤ VCC+-500 mV, VCC = 5 V
85
95
dB
CMR
Common-mode rejection ratio
20.log (ΔVio/ΔVicm)
VCC-≤ Vicm ≤ VCC+, VCC = 5 V
53
74
dB
SVR
Supply voltage rejection ratio
20.log (DVio/DVCC)
1.8 V ≤ VCC ≤ 5 V
86
dB
VOH
High level output voltage drop
(VOH=VCC+-VOUT)
VCC = 5 V
35
mV
VOL
Low level output voltage drop
(VOL=VOUT)
VCC = 5 V
35
mV
IOUT
Short-circuit
VCC = 1.8 V
±10
mA
VCC = 5 V
±30
ICC
Supply current (by operational amplifier)
No load, -40 °C ≤ T ≤ 125 °C
75
100
µA
AC performance
GBP
Gain bandwidth product
1
MHz
SR
Slew rate
AV=1 V/V, 10% to 90%
0.4
V/µs
Φm
Phase margin
CL = 60 pF
50
Degrees
en
Input voltage noise density
f = 10 kHz
45
nV/√Hz
TSL6001, TSL6002, TSL6004
Electrical characteristics
DS13728 - Rev 3
page 6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com