Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL6002IST Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSL6002IST
Description  Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL6002IST Datasheet(HTML) 4 Page - STMicroelectronics

  TSL6002IST Datasheet HTML 1Page - STMicroelectronics TSL6002IST Datasheet HTML 2Page - STMicroelectronics TSL6002IST Datasheet HTML 3Page - STMicroelectronics TSL6002IST Datasheet HTML 4Page - STMicroelectronics TSL6002IST Datasheet HTML 5Page - STMicroelectronics TSL6002IST Datasheet HTML 6Page - STMicroelectronics TSL6002IST Datasheet HTML 7Page - STMicroelectronics TSL6002IST Datasheet HTML 8Page - STMicroelectronics TSL6002IST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1.3
Quad operational amplifier
Figure 3. TSSOP-14 pin connections (top view)
Table 3. TSSOP-14 pin description
Pin
Pin name
Description
1
OUT1
Output channel 1
2
IN1-
Inverting input channel 1
3
IN1+
Non-inverting input channel 1
4
VCC+
Positive supply voltage
5
IN2+
Non-inverting input channel 2
6
IN2-
Inverting input channel 2
7
OUT2
Output channel 2
8
OUT3
Output channel 3
9
IN3-
Inverting input channel 3
10
IN3+
Non-inverting input channel 3
11
VCC-
Negative supply voltage
12
IN4+
Non-inverting input channel 4
13
IN4-
Inverting input channel 4
14
OUT4
Output channel 4
TSL6001, TSL6002, TSL6004
Pin description
DS13728 - Rev 3
page 4/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com