Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC8455AMD Datasheet(PDF) 4 Page - Texas Instruments

Part # DLPC8455AMD
Description  DLPC8445, DLPC8445V, and DLPC8455 High-Resolution Controllers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC8455AMD Datasheet(HTML) 4 Page - Texas Instruments

  DLPC8455AMD Datasheet HTML 1Page - Texas Instruments DLPC8455AMD Datasheet HTML 2Page - Texas Instruments DLPC8455AMD Datasheet HTML 3Page - Texas Instruments DLPC8455AMD Datasheet HTML 4Page - Texas Instruments DLPC8455AMD Datasheet HTML 5Page - Texas Instruments DLPC8455AMD Datasheet HTML 6Page - Texas Instruments DLPC8455AMD Datasheet HTML 7Page - Texas Instruments DLPC8455AMD Datasheet HTML 8Page - Texas Instruments DLPC8455AMD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
Table 4-1. Initialization, Board Level Test, and Debug (continued)
PIN
I/O (1)
DESCRIPTION
NAME
NO.
JTAGTRSTZ
AA25
I2
JTAG, ARM-ICE Reset.
For normal operation, this pin must be pulled to ground through an external
resistor with a value 8kΩ or less. Failure to pull this pin low during normal
operation causes start-up and initialization problems.
For JTAG Boundary Scan and ARM-ICE Debug operation, this pin must be pulled
up or left disconnected. Includes a weak internal pullup and hysteresis
JTAGTDI
Y24
I2
JTAG, ARM-ICE, and CPU MBIST: Serial Data In. Includes a weak internal pullup
JTAGTDO1
V22
B14
JTAG Serial Data Out
JTAGTDO2
W23
B14
ARM-ICE Serial Data Out. For normal operation, this pin requires an external
pullup resistor with a value of ≤ 9.15kΩ.
ETM_TRACECLK
U25
O14
Reserved Pin, must be left unconnected.
ETM_TRACECTL
T24
O14
Reserved Pin, must be left unconnected.
TSTPT_0
T22
B14
Test pin 0
This pin has an internal pulldown and may require an external pullup resistor (no
pullup: Normal Boot, pullup: Wait for Host commands) with a value of ≤ 9.15kΩ.
TSTPT_1
R25
B14
Test pin 1
This pin has an internal pulldown for Normal Boot operation.
TSTPT_2
R23
B14
Test pin 2
This pin has an internal pulldown and may require an external pullup resistor (no
pullup: I2C address = 0x36, pullup: I2C address = 0x34) with a value of ≤ 9.15kΩ.
TSTPT_3
P24
B14
Test pin 3
This pin has an internal pulldown and may require an external pullup resistor (no
pullup: Host interface is USB or I2C, pullup: Host interface is I2C only) with a value
of ≤ 9.15kΩ.
TSTPT_4
N25
B14
Test pin 4
This pin has an internal pulldown resistor.
TSTPT_5
P22
B14
Test pin 5
This pin has an internal pulldown resistor.
TSTPT_6
N23
B14
Test pin 6
This pin has an internal pulldown resistor.
TSTPT_7
M24
B14
Test pin 7
This pin has an internal pulldown resistor.
GPTP0
AA23
B13
General Purpose Test pin 0
This pin has an internal pulldown and may require an external pullup resistor (no
pullup: external crystal, pullup: external clock) with a value of ≤ 9.15kΩ.
GPTP1
AB22
B13
General Purpose Test pin 1
This pin has an internal pulldown resistor.
GPTP2
AC25
B13
General Purpose Test pin 2
This pin has an internal pulldown resistor.
ATB_0_H
AH4
PWR
Reserved Pin, must be left unconnected.
ATB_1_H
AJ5
PWR
Reserved Pin, must be left unconnected.
ATEST
G13
PWR
Reserved Pin, must be left unconnected.
CAP_VDDS_FLSH
AD22
PWR
External bias capacitance
CAP_VDDS_INTF
AJ21
PWR
External bias capacitance
IFORCE
L3
PWR
Manufacturing use only. Must be tied to ground.
VSENSE
K2
PWR
Reserved Pin, must be left unconnected.
HWTEST_EN
Y22
I2
Reserved Pin.
This signal must be connected directly to ground on the PCB for normal operation.
Includes weak internal pulldown and hysteresis.
(1)
See Section 4.12 for more information on I/O definitions
DLPC8445, DLPC8445V, DLPC8455
DLPS253B – SEPTEMBER 2024 – REVISED AUGUST 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLPC8445 DLPC8445V DLPC8455



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com