Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC8455AMD Datasheet(PDF) 36 Page - Texas Instruments

Part # DLPC8455AMD
Description  DLPC8445, DLPC8445V, and DLPC8455 High-Resolution Controllers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC8455AMD Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPC8455AMD Datasheet HTML 32Page - Texas Instruments DLPC8455AMD Datasheet HTML 33Page - Texas Instruments DLPC8455AMD Datasheet HTML 34Page - Texas Instruments DLPC8455AMD Datasheet HTML 35Page - Texas Instruments DLPC8455AMD Datasheet HTML 36Page - Texas Instruments DLPC8455AMD Datasheet HTML 37Page - Texas Instruments DLPC8455AMD Datasheet HTML 38Page - Texas Instruments DLPC8455AMD Datasheet HTML 39Page - Texas Instruments DLPC8455AMD Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
5.20 DMD Low-Speed Interface Timing Requirements
PARAMETER
MIN
TYP
MAX
UNIT
DMD Low-Speed Interface (Single Ended)
fclock
119.966
120
120.034
MHz
Slew Rate
DMD_LS_WDATA and
DMD_LS_CLK
VOL(DC) to VOH(AC) for
rising edge and VOH(DC)
to VOL(AC) for rising edge
1
3
V/ns
DMD_DEN_ARSTZ
VOL(AC) to VOH(AC) for
rising edge
0.25
DMD_LS_RDATAx
0.5
DCD
Duty Cycle Distortion
45
55
%
Figure 5-15. DMD Low-Speed Differential Timing Parameters
5.21 DMD SubLVDS Interface Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR
Differential output rise time
(10%-90%)
400
ps
tF
Differential output fall time
(10%-90%)
400
ps
tswitch
DMD HS Clock switching rate
0
1200
1440
Mbps
fclock
DMD HS Clock frequency
0
600
720
MHz
DCout
DMD HS Clock output duty cycle
45
50%
55
%
DLPC8445, DLPC8445V, DLPC8455
DLPS253B – SEPTEMBER 2024 – REVISED AUGUST 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLPC8445 DLPC8445V DLPC8455



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com