Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC8455AMD Datasheet (PDF) - Texas Instruments

DLPC8455AMD Datasheet PDF - Texas Instruments
Part # DLPC8455AMD
Download  DLPC8455AMD Download
File Size   2095.8 Kbytes
Page   73 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLPC8445, DLPC8445V, and DLPC8455 High-Resolution Controllers

DLPC8455AMD Datasheet (PDF)

Go To PDF Page Download Datasheet
DLPC8455AMD Datasheet PDF - Texas Instruments

Part # DLPC8455AMD
Download  DLPC8455AMD Click to download

File Size   2095.8 Kbytes
Page   73 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLPC8445, DLPC8445V, and DLPC8455 High-Resolution Controllers

DLPC8455AMD Datasheet (HTML) - Texas Instruments


DLPC8455AMD Product details

1 Features
• DLPC84x5 controllers support
– Up to 4K UHD at 60Hz
– Up to 1080p at 240Hz (2D) and 120Hz (3D)
• DLPC84x5 controllers support the following 4K
UHD DMDs:
– DLPC8445 and DLPC8445V support
DLP472TP and DLP391TP DMDs
– DLPC8455 supports the DLP473TE DMD
• Single V-by-One® HS video input port with 1, 2, 4,
or 8 lanes
– Up to 600MHz pixel clock and 2160p at 60Hz
– Up to 3.0Gbps per input transmission rate
• Input formats supported
– RGB and YCbCr
– 4:4:4 and 4:2:2
• Internal Arm® processor
– 52 configurable GPIOs
– PWM generator
– Capture and delay timers
– USB 2.0 high-speed controller
– SPI and I2C controllers
– UART and interrupt controllers
• Warping engine
– 1D and 2D keystone correction
– Embedded partial frame memory for video
processing
• Additional image processing
– Overlap color support (DLPC8445V and
DLPC8455 only)
– Variable refresh rate (VRR) support
– Rolling buffer for reduced frame latency
– DynamicBlack
– Frame rate multiplication
– Color coordinate adjustment
– Color temperature adjustment
– Programmable degamma
– Read-side spatial-temporal multiplexing
– Integrated support for 3-D display
• Splash screen display
• Serial flash for μP and PWM sequences
• System control
– DMD power and reset driver control
– DMD horizontal and vertical image flip
• JTAG boundary scan test support
• Supports LED, RGB laser, and laser-phosphor
illumination-based systems

2 Applications
• Mobile smart TV
• Mobile projector
• Digital signage
• Laser TV

3 Description
The DLPC8445, DLPC8445V, and DLPC8455 are 4K
UHD digital display controllers for TI DLP® Products.
The DLP chipset comprises one display controller,
one matched DMD, the DLPA3085 or DLPA3082
power management IC, and the DLPA100 motor
driver IC (for laser-phosphor illumination systems
only). This chipset fits display systems that require
high resolution and high brightness in a small
form factor. For reliable operation, the DLPC8445,
DLPC8445V, or DLPC8455 display controller must
always be used with the correct DMD and the
DLPA3085 or DLPA3082 PMIC. Note: DLPA3085 is
not supported by the DLPC8455.




Similar Part No. - DLPC8455AMD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC8454 TI2-DLPC8454 Datasheet
2Mb / 81P
DLPC8424, DLPC8444, and DLPC8454 High-Resolution Controllers
JULY 2025
DLPC8454AMD TI2-DLPC8454AMD Datasheet
2Mb / 81P
DLPC8424, DLPC8444, and DLPC8454 High-Resolution Controllers
JULY 2025
More results


Similar Description - DLPC8455AMD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD389 AD-AD389 Datasheet
2Mb / 6P
HIGH RESOLUTION TRACK-AND-HOLD AMPLIFIER
logo
Hitachi Semiconductor
CML174SXW HITACHI-CML174SXW Datasheet
113Kb / 2P
High Resolution
logo
Hamamatsu Corporation
C7921CA-09 HAMAMATSU-C7921CA-09 Datasheet
125Kb / 6P
High resolution and high frame rate
logo
Intronics Power, Inc.
SHA1144 INTRONICS-SHA1144 Datasheet
1Mb / 6P
High Resolution 14-Bit Sample and Hold Amplifier
logo
Hamamatsu Corporation
P11159-01AS HAMAMATSU-P11159-01AS Datasheet
221Kb / 4P
Small package and high resolution encoder module
logo
Kersemi Electronic Co.,...
MUR10120 KERSEMI-MUR10120 Datasheet
417Kb / 4P
SCANSWITCH For High and Very High Resolution Monitors
logo
Analog Devices
AD389 AD-AD389_15 Datasheet
3Mb / 6P
HIGH RESOLUTION TRACK AND HOLD AMPLIFIER
logo
Hamamatsu Corporation
P11159-201AS HAMAMATSU-P11159-201AS_15 Datasheet
162Kb / 4P
Small package and high resolution encoder module
logo
Microchip Technology
DSPIC33CK64MP105 MICROCHIP-DSPIC33CK64MP105 Datasheet
4Mb / 530P
16-Bit Digital Signal Controllers with High-Speed ADC, Op Amps, Comparators and High-Resolution PWM
08/15/18
logo
Digital View Ltd
SVX-1920-V3 DIGITALVIEW-SVX-1920-V3 Datasheet
769Kb / 2P
High-Resolution Controller
November 2014 v1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com