Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC8455AMD Datasheet(PDF) 39 Page - Texas Instruments

Part # DLPC8455AMD
Description  DLPC8445, DLPC8445V, and DLPC8455 High-Resolution Controllers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC8455AMD Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC8455AMD Datasheet HTML 35Page - Texas Instruments DLPC8455AMD Datasheet HTML 36Page - Texas Instruments DLPC8455AMD Datasheet HTML 37Page - Texas Instruments DLPC8455AMD Datasheet HTML 38Page - Texas Instruments DLPC8455AMD Datasheet HTML 39Page - Texas Instruments DLPC8455AMD Datasheet HTML 40Page - Texas Instruments DLPC8455AMD Datasheet HTML 41Page - Texas Instruments DLPC8455AMD Datasheet HTML 42Page - Texas Instruments DLPC8455AMD Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
6.3 Feature Description
6.3.1 Input Sources
Table 6-1. Supported Input Source Parameters
INTERFACE
Bits/Pixel Accepted
(Max)
Bits/Pixel Processed
(Max)
Source Resolution: 2D
Source Resolution: 3D (per Eye) (2)
Min
Max (1)
Max
V-by-One
12
10
1280 × 720 (3)
3840 × 2160
1920 × 1080 (FS)
FPD Link
10
10
960 × 540
1920 × 1080
1920 × 1080 (FS)
(1)
Despite a wider input range, the output resolution will be limited to the DMD and controller capabilities. The resolutions should be
checked across devices, including with 3D sources.
(2)
FS = Frame Sequential (Full Resolution)
(3)
The minimum clock rate and link rate for the V-by-One interface, as well as Byte Mode, limits the smallest resolution that can be
supported by this interface. This interface supports 3-Byte, 4-Byte, and 5-Byte Modes.
6.3.2 V-by-One Interface
The controller supports a single 8-lane V-by-One port, which can be configured for 1-, 2-, 4-, or 8-lane use. This
interface supports limited lane remapping, which is shown in Table 6-2. Intralane remapping (that is, swapping P
with N) is not supported.
Table 6-2. V-by-One Interface Lane Remapping Options
V-BY-ONE PORT PHYSICAL LANES(1)
CONFIGURATIO
N(2)
# of LANES
LANE 7
LANE 6
LANE 5
LANE 4
LANE 3
LANE 2
LANE 1 LANE 0
1a
8
7
6
5
4
3
2
1
0
1b
4
—
—
—
—
3
2
1
0
1c
2
—
—
—
—
—
—
1
0
1d
1
—
—
—
—
—
—
—
0
2a
8
1
0
2
3
4
5
6
7
2b
4
1
0
2
3
—
—
—
—
2c
2
1
0
—
—
—
—
—
—
2d
1
—
0
—
—
—
—
—
—
(1)
The lane numbers in the table header indicate the actual physical lanes defined in the controller interface. The lane numbers listed
below the header are the lane bit numbers transmitted over that physical interface.
(2)
There are two controller lane mapping options, with the option to use fewer than the full eight lanes for each.
Independent of the remapping of the physical V-by-One interface, the support a number of data mappings onto
the actual physical interface as specified by the standard. V-by-One sources must match at least one of the
mappings in Table 6-3, Table 6-4, Table 6-5, Table 6-6, Table 6-7, and Table 6-8.
Table 6-3. V-by-One Data Mapping for 36bpp/30bpp RGB/YCbCr 4:4:4
V-BY-ONE DATA MAP MODE 0
V-BY-ONE INPUT DATA BIT
36bpp RGB/YCbCr 4:4:4(1)
30bpp RGB/YCbCr 4:4:4
MAPPER OUTPUT
D[0]
R/Cr[4]
R/Cr[2]
B(2)
D[1]
R/Cr[5]
R/Cr[3]
B(3)
D[2]
R/Cr[6]
R/Cr[4]
B(4)
D[3]
R/Cr[7]
R/Cr(5]
B(5)
D[4]
R/Cr[8]
R/Cr[6]
B(6)
D[5]
R/Cr[9]
R/Cr[7]
B(7)
D[6]
R/Cr[10]
R/Cr[8]
B(8)
D[7]
R/Cr[11]
R/Cr[9]
B(9)
D[8]
G/Y[4]
G/Y[2]
A(2)
D[9]
G/Y[5]
G/Y[3]
A(3)
www.ti.com
DLPC8445, DLPC8445V, DLPC8455
DLPS253B – SEPTEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DLPC8445 DLPC8445V DLPC8455



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com