Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC8445VAMD Datasheet(PDF) 30 Page - Texas Instruments

Part # DLPC8445VAMD
Description  DLPC8445, DLPC8445V, and DLPC8455 High-Resolution Controllers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC8445VAMD Datasheet(HTML) 30 Page - Texas Instruments

Back Button DLPC8445VAMD Datasheet HTML 26Page - Texas Instruments DLPC8445VAMD Datasheet HTML 27Page - Texas Instruments DLPC8445VAMD Datasheet HTML 28Page - Texas Instruments DLPC8445VAMD Datasheet HTML 29Page - Texas Instruments DLPC8445VAMD Datasheet HTML 30Page - Texas Instruments DLPC8445VAMD Datasheet HTML 31Page - Texas Instruments DLPC8445VAMD Datasheet HTML 32Page - Texas Instruments DLPC8445VAMD Datasheet HTML 33Page - Texas Instruments DLPC8445VAMD Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
5.14 Flash Interface Timing Requirements
PARAMETER
MIN
MAX
UNIT
fCLOCK
FLSH_CLK frequency
0.586
60.0
MHz
tCLKPER
FLSH_CLK period
50% reference points
16.66
1707
ns
tWH
FLSH_CLK high pulse width
50% reference points
7.5
ns
tWL
FLSH_CLK low pulse width
50% reference points
7.5
ns
tP_SU
FLSH_DATA[3:0] Input Setup Time
before FLSH_CLK↓
7.2
ns
tP_H
FLSH_DATA[3:0] Input Hold Time
after FLSH_CLK↓
0.0
ns
FLSH_CLK
(Controller output)
FLSH_DATA[3:0]
(Controller input)
FLSH_DATA[3:0]
(Controller output)
tCLKPER
tWH
tWL
tP_CLQV
tP_SU
tP_H
Figure 5-9. Flash Interface Timing
DLPC8445, DLPC8445V, DLPC8455
DLPS253B – SEPTEMBER 2024 – REVISED AUGUST 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLPC8445 DLPC8445V DLPC8455



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com