Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC8445VAMD Datasheet(PDF) 21 Page - Texas Instruments

Part # DLPC8445VAMD
Description  DLPC8445, DLPC8445V, and DLPC8455 High-Resolution Controllers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC8445VAMD Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC8445VAMD Datasheet HTML 17Page - Texas Instruments DLPC8445VAMD Datasheet HTML 18Page - Texas Instruments DLPC8445VAMD Datasheet HTML 19Page - Texas Instruments DLPC8445VAMD Datasheet HTML 20Page - Texas Instruments DLPC8445VAMD Datasheet HTML 21Page - Texas Instruments DLPC8445VAMD Datasheet HTML 22Page - Texas Instruments DLPC8445VAMD Datasheet HTML 23Page - Texas Instruments DLPC8445VAMD Datasheet HTML 24Page - Texas Instruments DLPC8445VAMD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
Tovershoot
Tundershoot
Tperiod
Undershoot = 20% of nominal
IO supply voltage
Overshoot = 20% of nominal
IO supply voltage
Tovershoot + TUndershoot < 20% of Tperiod
Figure 5-1. IO Transient Voltage Ranges
5.2 ESD Ratings
ANSI/ESDA/JEDEC JS-002
Parameter
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±1000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±250
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
PARAMETER
TOLERANCE
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VDD_CORE
0.8V (Nominal) for core logic
0.76
0.8
0.84
V
VDDAR_CORE
SRAM core (0.8V nominal)
0.76
0.8
0.84
V
VDDS18_LVCMOS1
1.8V (Nominal) Fixed IO Power, left side
1.647
1.8
1.953
V
VDDS18_LVCMOS2
1.8V (Nominal) Fixed IO Power, right side
1.647
1.8
1.953
V
VDDA_CORE_DSI
0.8V (Nominal) for DSI
0.76
0.8
0.84
V
VDDA18_DSI
1.8V (Nominal) for DSI
1.647
1.8
1.953
V
VDDA_CORE_FPD
0.8V (Nominal) Fixed Power for FPD core
0.76
0.8
0.84
V
VDDA18_FPD
1.8V (Nominal) Fixed Power for FPD I/O
1.647
1.8
1.953
V
VDDA_CORE_Vx1
0.8V (Nominal) Fixed Power for Vx1 core
0.76
0.8
0.84
V
VDDA18_Vx1
1.8V (Nominal) Fixed Power for Vx1 I/O
1.647
1.8
1.953
V
VDDA_CORE_USB
0.8V (Nominal) for USB Controller
0.76
0.8
0.84
V
VDDA18_USB
1.8V (Nominal) for USB Phy
1.647
1.8
1.953
V
VDDA33_USB
3.3V (Nominal) for USB Phy
3.02
3.3
3.52
V
VDDSHV_INTF
1.8V or 3.3V (Nominal) Multi-Voltage IO
Power for SPI and I2C I/O (including
GPIO[8:0]) to support the PAD1000 in
place of a PMIC I/O. Also HOST_IRQ.
1.647
1.8
1.953
V
VDDSHV_INTF
3.3V operation
3.02
3.3
3.52
V
VDDSHV_FLSH
1.8V or 3.3V (Nominal) Multi-Voltage IO
Power for the Quad-Serial Flash Interface
1.647
1.8
1.953
V
VDDSHV_FLSH
3.3V operation
3.02
3.3
3.52
V
VDDA18_DDI
1.8V (Nominal) Fixed IO Power for
SubLVDS DMD Interface
1.647
1.8
1.953
V
VDDS18_OSC
1.8V (Nominal) Fixed Power for
Reference Oscillator I/O
1.647
1.8
1.953
V
VDDA18_PLLM
1.8V (Nominal) for the Main I/F PLL
1.647
1.8
1.953
V
VDDA18_PLLD
1.8V (Nominal) for the DMD I/F PLL
1.647
1.8
1.953
V
www.ti.com
DLPC8445, DLPC8445V, DLPC8455
DLPS253B – SEPTEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DLPC8445 DLPC8445V DLPC8455



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com