Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC8445VAMD Datasheet(PDF) 22 Page - Texas Instruments

Part # DLPC8445VAMD
Description  DLPC8445, DLPC8445V, and DLPC8455 High-Resolution Controllers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC8445VAMD Datasheet(HTML) 22 Page - Texas Instruments

Back Button DLPC8445VAMD Datasheet HTML 18Page - Texas Instruments DLPC8445VAMD Datasheet HTML 19Page - Texas Instruments DLPC8445VAMD Datasheet HTML 20Page - Texas Instruments DLPC8445VAMD Datasheet HTML 21Page - Texas Instruments DLPC8445VAMD Datasheet HTML 22Page - Texas Instruments DLPC8445VAMD Datasheet HTML 23Page - Texas Instruments DLPC8445VAMD Datasheet HTML 24Page - Texas Instruments DLPC8445VAMD Datasheet HTML 25Page - Texas Instruments DLPC8445VAMD Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
5.3 Recommended Operating Conditions (continued)
PARAMETER
TOLERANCE
MIN
TYP
MAX
UNIT
GENERAL
TJ
Operating junction temperature
–30
115
°C
TC
Operating case temperature
–30
94
°C
TA
Operating ambient temperature (1) (2)
–30
85
°C
(1)
The operating ambient temperature range values were determined based on the board design parameters described in the General
Layout Guidelines, rather than using a JEDEC JESD51 standard test card and environment, along with min and max estimated
power dissipation across process, voltage, and temperature. Ambient thermal conditions, which impact RθJA, vary by application.
Thus, maximum operating ambient temperature varies by application. Ta_min = Tj_min – (Pd_min x RθJA) = 0°C – (host_min_valueW x
host_value°C/W) = – host_value°C/W) = -host_calculated_value°C. Ta_max = Tj_max – (Pd_max x RθJA) = +115°C – (host_max_valueW x
host_value°C/W) = +host_calculated_value°C
(2)
Operating ambient temperature is dependent on system thermal design. Operating case temperature may not exceed its specified
range across ambient temperature conditions.
5.4 Thermal Information
THERMAL METRIC (1)
TEST CONDITIONS
FCCSP
UNIT
484 PINS
RJC
Junction-to-case thermal resistance
3.3
°C/W
RθJA
Junction-to-air thermal
resistance
at 0m/s of forced airflow(2)
19.5
°C/W
at 1m/s of forced airflow(2)
12.9
at 2m/s of forced airflow(2)
11.8
ψJT
Temperature variance from junction to package top center temperature, per unit
power dissipation
0.04
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Thermal coefficients abide by JEDEC Standard 51. RθJA is the thermal resistance of the package as measured using a JEDEC-defined
standard test PCB. This JEDEC test PCB is not necessarily representative of the controller PCB, and thus the reported thermal
resistance may not be accurate in the actual product application. Although the actual thermal resistance may be different, it is the best
information available during the design phase to estimate thermal performance.
5.5 Power Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
Test Conditions
MIN
TYP(1)
MAX
UNIT
V(Supply08)
0.8V DVH Supply
Core Supply
1.48
A
V(Supply18)
1.8V DVH Supply
IO Supply, VbyOne, SubLVDS, GPIO
180
mA
V(Supply33)
3.3V DVH Supply
USB Supply
1
mA
(1)
Typical power is based on standard use case 3840x2160 CVT timings with SMPTE color bar image at 25C ambient temperature. The
values do not take into account software updates or customer changes that may affect power performance.
DLPC8445, DLPC8445V, DLPC8455
DLPS253B – SEPTEMBER 2024 – REVISED AUGUST 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLPC8445 DLPC8445V DLPC8455



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com